전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

UPA1478 데이터시트(HTML) 4 Page - NEC

부품명 UPA1478
상세내용  NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NEC [NEC]
홈페이지  http://www.nec.com/
Logo 

UPA1478 데이터시트(HTML) 4 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 4 / 6 page
background image
µPA1478
4
TRANSIENT THERMAL RESISTANCE
0.1
100
PW - Pulse Width - ms
VCE
≤ 10 V
10
1
0.1
1
10
100
COLLECTOR CURRENT vs. COLLECTOR TO
EMITTER VOLTAGE
0
2.0
VCE - Collector to Emitter Voltage - V
1.0
2.0
3.0
4.0
5.0
1.6
1.2
0.8
0.4
100
µ
IR = 80 A
120
140
160
180
200


Html Pages

1  2  3  4  5  6 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn