전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMC13DRYH 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 FMC13DRYH
상세설명  .100 2.54 mm Contact Centers, .431 10.95 mm Insulator Height, Dip Solder/Eyelet/Right Angle for .062 1.57 mm or .031 0.79 mm Mating PCB
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FMC13DRYH 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  FMC13DRYH Datasheet HTML 1Page - List of Unclassifed Manufacturers FMC13DRYH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
47
www.sullinscorp.com | 760-744-0125 | toll-free 888-774-3100 | fax 760-744-6081 | info@sullinscorp.com
Female Card Edge
DIMENSIONS Dimensions in [ ] are in millimeters, all others are in inches.
* Consult factory for availability.
.100” [2.54 mm] Contact Centers, .431” [10.95 mm] Insulator Height,
Dip Solder/Eyelet/Right Angle for .062”[1.57 mm] or .031” [0.79 mm] Mating PCB
Tolerances on non-critical dimensions may very slightly due to shrinkage differential per insulator material; Consult factory.
A
D
B
E
F
B 1 2
59 60 B
A 1 2
59 60 A
CONTACT MARKINGS
B 1 2 3 . . . 58 59 60 B
A 1 2 3 . . . 58 59 60 A
C
REFER TO
MOUNTING
STYLE
REFER TO TERMINATION TYPE
.100 [2.54] TYP.
.265 [6.73] INSERTION DEPTH
.431 [10.95]
.245 [6.22]
.025[0.64]
POSITIONS/
CONTACTS
INCHES
MILLIMETERS
A±.008 B±.008 C±.015 D±.010 E±.020 F+.005/-.015 A±0.20 B±0.20 C±0.38 D±0.25 E±0.51 F+0.13/-0.38
04/08*
0.300
0.500
0.675
0.975
1.275
0.330
7.62
12.70
17.15
24.77
32.39
8.38
05/10
0.400
0.600
0.775
1.075
1.375
10.16
15.24
19.69
27.31
34.93
06/12
0.500
0.700
0.875
1.175
1.475
12.70
17.78
22.23
29.85
37.47
07/14
0.600
0.800
0.975
1.275
1.575
15.24
20.32
24.77
32.39
40.01
08/16
0.700
0.900
1.075
1.375
1.675
17.78
22.86
27.31
34.93
42.55
10/20
0.900
1.100
1.275
1.575
1.875
22.86
27.94
32.39
40.01
47.63
12/24
1.100
1.300
1.475
1.775
2.075
27.94
33.02
37.47
45.09
52.71
13/26
1.200
1.400
1.575
1.875
2.175
30.48
35.56
40.01
47.63
55.25
15/30
1.400
1.600
1.775
2.075
2.375
35.56
40.64
45.09
52.71
60.33
17/34
1.600
1.800
1.975
2.275
2.575
40.64
45.72
50.17
57.79
65.41
18/36
1.700
1.900
2.075
2.375
2.675
43.18
48.26
52.71
60.33
67.95
19/38
1.800
2.000
2.175
2.475
2.775
45.72
50.80
55.25
62.87
70.49
20/40
1.900
2.100
2.275
2.575
2.875
48.26
53.34
57.79
65.41
73.03
22/44
2.100
2.300
2.475
2.775
3.075
53.34
58.42
62.87
70.49
78.11
23/46*
2.200
2.400
2.575
2.875
3.175
55.88
60.96
65.41
73.03
80.65
25/50
2.400
2.600
2.775
3.075
3.375
60.96
66.04
70.49
78.11
85.73
26/52
2.500
2.700
2.875
3.175
3.475
63.50
68.58
73.03
80.65
88.27
28/56
2.700
2.900
3.075
3.375
3.675
68.58
73.66
78.11
85.73
93.35
30/60
2.900
3.100
3.275
3.575
3.875
73.66
78.74
83.19
90.81
98.43
31/62
3.000
3.200
3.375
3.675
3.975
76.20
81.28
85.73
93.35
100.97
35/70
3.400
3.600
3.775
4.075
4.375
0.400
86.36
91.44
95.89
103.51
111.13
10.16
36/72
3.500
3.700
3.875
4.175
4.475
88.90
93.98
98.43
106.05
113.67
40/80
3.900
4.100
4.275
4.575
4.875
99.06
104.14
108.59
116.21
123.83
43/86
4.200
4.400
4.575
4.875
5.175
106.68
111.76
116.21
123.83
131.45
44/88
4.300
4.500
4.675
4.975
5.275
109.22
114.30
118.75
126.37
133.99
49/98
4.800
5.000
5.175
5.475
5.775
121.92
127.00
131.45
139.07
146.69
50/100
4.900
5.100
5.275
5.575
5.875
124.46
129.54
133.99
141.61
149.23
52/104*
5.100
5.300
5.475
5.775
6.075
129.54
134.62
139.07
146.69
154.31
60/120
5.900
6.100
6.275
6.575
6.875
149.86
154.94
159.39
167.01
174.63
65/130
6.400
6.600
6.775
7.075
7.375
162.56
167.64
172.09
179.71
187.33
MATERIALS (INSULATOR/CONTACT)
CONTACT CENTERS
C = .100” [2.54 mm]
H = .125” [3.18 mm] Clearance Holes
N = No Mounting
B = Open Card slot
S = Side Mounting
I = Threaded Insert
F = Floating Bobbin
OMIT FOR STANDARD
-S13 = Card Extender Accepts .062” [1.57 mm] PCB
(RE, RT, RY Terminations Only)
-S734 = .031”±.006” [0.79 mm ± 0.15 mm] Mating PCB
-S924 = Surface Mount
MODIFICATIONS (Consult Factory)
D = Dual
H = Half Loaded
READOUT (Opposite Page)
MOUNTING STYLE (Opposite Page)
RA = Right Angle
RE = Eyelet (Standard)
TE = Eyelet (Overall Plated Only)
**ET, RT = .140” [3.56 mm] X .200” [5.08 mm] Dip Solder
**EY, RY = .140” [3.56 mm] X .440” [11.18 mm] Dip Solder
RX = .200” [5.08 mm] X .185” [4.70 mm] Dip Solder
RJ = .250” [6.35 mm] X .165” [4.19 mm] Dip Solder
SX = .110” [2.79 mm] Centered Dip Solder
TERMINATION TYPE (Opposite Page)
NUMBER OF CONTACT POSITIONS
See Chart Below
**'ET' & 'EY' Only available in 'B' & 'C' Plating code
E = PBT/Phosphor Bronze (Standard)
R = PPS/Phosphor Bronze
G = PA9T/Phosphor Bronze
H = PBT/Beryllium Copper
A = PPS/Beryllium Copper
J = PA9T/Beryllium Copper
*F = PPS/Spinodal (Overall Gold Plating Only)
Consult Factory for Special Soldering Guidelines
*C = PPS/Beryllium Nickel (Overall Gold Plating Only)
*W = PEEK/Beryllium Nickel (Overall Gold Plating Only)
*Consult factory for availability.
Refer to Page 7 for Operating/Processing Temperatures
Contact Surface
Termination
B = .000010” Gold
.000100” Pure Tin, Matte
C = .000030” Gold
.000100” Pure Tin, Matte
G = .000010” Gold
.000005” Gold
Y = .000030” Gold
.000005” Gold
Contact Surface
Overall Plating
S = .000010” Gold
.000010” Gold
M = .000030” Gold
.000010” Gold
E = .000100” Pure Tin, Matte
.000100” Pure Tin, Matte
E B C 43 D RE H - Sxxx
CONTACT FINISH - RoHS Compliant
All platings are Lead Free and have .000050” Nickel underplate
PART NUMBER OPTIONS


유사한 부품 번호 - FMC13DRYH

제조업체부품명데이터시트상세설명
logo
Fuji Electric
FMC13N60E FUJI-FMC13N60E Datasheet
529Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
FMC13N60E ISC-FMC13N60E Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fuji Electric
FMC13N60ES FUJI-FMC13N60ES Datasheet
594Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
FMC13N60ES ISC-FMC13N60ES Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FMC13DRYH

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FSM22DSEF ETC2-FSM22DSEF Datasheet
474Kb / 2P
   .156 3.96 mm Contact Centers, .431 10.95 mm Insulator Height, Dip Solder/Eyelet/Right Angle
EBC05DREN-S93 ETC-EBC05DREN-S93 Datasheet
111Kb / 2P
   .100 2.54 mm Contact Centers, .431 10.95 mm Insulator Height
EBC05DREH ETC2-EBC05DREH Datasheet
731Kb / 2P
   Accommodates .062.008 1.57 mm 0.20 mm or .031 .006 0.79 mm 0.15 mm mating PCB
EBC06DCWN ETC2-EBC06DCWN Datasheet
549Kb / 2P
   Accommodates .062 .008 1.57 mm 0.20 mm mating PCB
ECM43DRKN ETC2-ECM43DRKN Datasheet
108Kb / 2P
   .156 [3.96mm] Contact Centers, .431 Insulator Height Dip Solder/Eyelet/Right Angle
HMM18DRAS ETC2-HMM18DRAS Datasheet
108Kb / 2P
   156 3.96mm Contact Centers, .431 Insulator Height Dip Solder/Eyelet/Right Angle
logo
3M Electronics
961102-5604-AR 3M-961102-5604-AR Datasheet
852Kb / 3P
   3M Pin Strip Header 2.54 mm and 2.54 mm x 2.54 mm, Right Angle, Solder Tail
logo
Samtec, Inc
MMSD SAMTEC-MMSD Datasheet
260Kb / 1P
   (2.54 mm) .100
Rev 21DEC21
logo
List of Unclassifed Man...
EZC05DREH ETC1-EZC05DREH Datasheet
177Kb / 2P
   .100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
logo
Precid-Dip Durtal SA
SERIES310 PREDIP-SERIES310 Datasheet
23Kb / 3P
   Single row 2.54/5.08 mm, Straight solder tail, Mating pin 횠 0.47 mm
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com