전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ICS9169C-271 데이터시트(HTML) 6 Page - Integrated Circuit Systems

부품명 ICS9169C-271
상세내용  Frequency Generator for Pentium™ Based Systems
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo 

ICS9169C-271 데이터시트(HTML) 6 Page - Integrated Circuit Systems

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 6 / 8 page
background image
6
ICS9169C-271
Absolute Maximum Ratings
Electrical Characteristics at 3.3V
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
VDD = 3.0 – 3.7 V, TA = 0 –70° C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
DC Characteristics
PARAM ETER
SYM BO L
TEST CONDITION S
MIN
TYP
MA X
UNITS
Input Low V oltage
VIL
-
-
0.2VDD
V
Input High V oltage
VIH
0.7VDD
--
V
Input Low Current
IIL
V IN=0V
-28.0
-10.5
-
µA
Input High Current
IIH
V IN=VDD
-5.0
-
5.0
µA
Output Low Current
1
IOL
V OL=0.8V; for CPU , BUS,
Fixed CLKs
16.0
25.0
-
mA
Output H igh Current
1
IOH
V OL=2.0V; for CPU , BUS,
Fixed CLKs
-
-30.0
-14.0
mA
Output Low Current
1
IOL
V OL=0.8V; for REF CLK
19.0
30.0
-
mA
Output H igh Current
1
IOH
V OL=2.0V; for REF CLK
-
-38.0
-16.0
mA
Output Low Voltage
1
VOL
IOL = 8m A; for CPU, BU S,
Fixed CLKs
-0.3
0.4
V
Output H igh Voltage
1
V OH
IOH = -8m A; for CPU, BU S,
Fixed CLKs
2.4
2.8
-
V
Output Low Voltage
1
VOL
IOL = 10m A; for REF CLK
-
0.3
0.4
V
Output High Voltage
1
V OH
IOH = -15mA; for REF CLK
2.4
2.8
-
V
Supply Current
IDD
@66.6 M Hz; all outputs unloaded
-
90
180
mA


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn