전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7755 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7755
상세설명  Energy Metering IC with Pulse Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7755 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7755_15 Datasheet HTML 6Page - Analog Devices AD7755_15 Datasheet HTML 7Page - Analog Devices AD7755_15 Datasheet HTML 8Page - Analog Devices AD7755_15 Datasheet HTML 9Page - Analog Devices AD7755_15 Datasheet HTML 10Page - Analog Devices AD7755_15 Datasheet HTML 11Page - Analog Devices AD7755_15 Datasheet HTML 12Page - Analog Devices AD7755_15 Datasheet HTML 13Page - Analog Devices AD7755_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
AD7755
–10–
THEORY OF OPERATION
The two ADCs digitize the voltage signals from the current and
voltage transducers. These ADCs are 16-bit second order
sigma-delta with an oversampling rate of 900 kHz. This analog
input structure greatly simplifies transducer interfacing by
providing a wide dynamic range for direct connection to the
transducer and also simplifying the antialiasing filter design. A
programmable gain stage in the current channel further facili-
tates easy transducer interfacing. A high pass filter in the current
channel removes any dc component from the current signal.
This eliminates any inaccuracies in the real power calculation
due to offsets in the voltage or current signals—see HPF and
Offset Effects section.
The real power calculation is derived from the instantaneous
power signal. The instantaneous power signal is generated by a
direct multiplication of the current and voltage signals. In order
to extract the real power component (i.e., the dc component),
the instantaneous power signal is low-pass filtered. Figure 20
illustrates the instantaneous real power signal and shows how the
real power information can be extracted by low-pass filtering the
instantaneous power signal. This scheme correctly calculates real
power for nonsinusoidal current and voltage waveforms at all
power factors. All signal processing is carried out in the digital
domain for superior stability over temperature and time.
LPF
DIGITAL-TO-
FREQUENCY
F1
F2
CH1
INSTANTANEOUS REAL
POWER SIGNAL
MULTIPLIER
PGA
CH2
ADC
INSTANTANEOUS
POWER SIGNAL – p(t)
V
I
2
V I
V I
2
p(t) = i(t) v(t)
WHERE:
v(t) = V cos( t)
i(t) = I cos( t)
p(t) =
V I
2
{1+cos (2 t)}
ADC
TIME
HPF
DIGITAL-TO-
FREQUENCY
CF
Figure 20. Signal Processing Block Diagram
The low frequency output of the AD7755 is generated by accu-
mulating this real power information. This low frequency inher-
ently means a long accumulation time between output pulses.
The output frequency is therefore proportional to the average
real power. This average real power information can, in turn, be
accumulated (e.g., by a counter) to generate real energy infor-
mation. Because of its high output frequency and hence shorter
integration time, the CF output is proportional to the instanta-
neous real power. This is useful for system calibration purposes
that would take place under steady load conditions.
Power Factor Considerations
The method used to extract the real power information from the
instantaneous power signal (i.e., by low-pass filtering) is still
valid even when the voltage and current signals are not in phase.
Figure 21 displays the unity power factor condition and a DPF
(Displacement Power Factor) = 0.5, i.e., current signal lagging
the voltage by 60
°. If we assume the voltage and current wave-
forms are sinusoidal, the real power component of the instanta-
neous power signal (i.e., the dc term) is given by
VI
×


2
× cos (60°).
This is the correct real power calculation.
INSTANTANEOUS
REAL POWER SIGNAL
INSTANTANEOUS
POWER SIGNAL
V I
2
cos(60 )
V I
2
INSTANTANEOUS
POWER SIGNAL
INSTANTANEOUS
REAL POWER SIGNAL
60
CURRENT
CURRENT
VOLTAGE
0V
0V
VOLTAGE
Figure 21. DC Component of Instantaneous Power Signal
Conveys Real Power Information PF < 1
Nonsinusoidal Voltage and Current
The real power calculation method also holds true for nonsinu-
soidal current and voltage waveforms. All voltage and current
waveforms in practical applications will have some harmonic
content. Using the Fourier Transform, instantaneous voltage
and current waveforms can be expressed in terms of their har-
monic content.
vt
V
Vh
h t
h
O
h
( )
sin(
)
=+
×
×
+
2
0
ωα
(1)
where:
v(t)
is the instantaneous voltage
VO
is the average value
Vh
is the rms value of voltage harmonic h
and
h
is the phase angle of the voltage harmonic.
it
I
Ih
h t
h
O
h
( )
sin(
)
=+
×
×
+
2
0
ωβ
(2)
where:
i(t)
is the instantaneous current
IO
is the dc component
Ih
is the rms value of current harmonic h
and
h
is the phase angle of the current harmonic.
OBSOLETE


유사한 부품 번호 - AD7755_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7755AAN AD-AD7755AAN Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
AD7755AAN-REF AD-AD7755AAN-REF Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
AD7755AARS AD-AD7755AARS Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
AD7755ABRS AD-AD7755ABRS Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
More results

유사한 설명 - AD7755_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
   Energy Metering IC with Pulse Output
logo
Analog Devices
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752 AD-ADE7752_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com