전자부품 데이터시트 검색엔진 |
|
5429FCT520BTSOB 데이터시트(PDF) 3 Page - Integrated Device Technology |
|
5429FCT520BTSOB 데이터시트(HTML) 3 Page - Integrated Device Technology |
3 / 7 page IDT29FCT520AT/BT/CT/DT, 521AT/BT/CT/DT MULTILEVEL PIPELINE REGISTERS MILITARY AND COMMERCIAL TEMPERATURE RANGES 6.2 3 CAPACITANCE (TA = +25 °C, f = 1.0MHz) ABSOLUTE MAXIMUM RATINGS (1) Symbol Rating Commercial Military Unit VTERM(2) Terminal Voltage with Respect to GND –0.5 to +7.0 –0.5 to +7.0 V VTERM(3) Terminal Voltage with Respect to GND –0.5 to VCC +0.5 –0.5 to VCC +0.5 V TA Operating Temperature 0 to +70 –55 to +125 °C TBIAS Temperature Under Bias –55 to +125 –65 to +135 °C TSTG Storage Temperature –55 to +125 –65 to +150 °C PT Power Dissipation 0.5 0.5 W IOUT DC Output Current –60 to +120 –60 to +120 mA NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT- INGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed VCC by +0.5V unless otherwise noted. 2. Input and VCC terminals only. 3. Outputs and I/O terminals only. DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Commercial: TA = 0 °C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10% Symbol Parameter Test Conditions (1) Min. Typ. (2) Max. Unit VIH Input HIGH Level Guaranteed Logic HIGH Level 2.0 — — V VIL Input LOW Level Guaranteed Logic LOW Level — — 0.8 V IIH Input HIGH Current (4) VCC = Max. VI = 2.7V — — ±1 µA IIL Input LOW Current (4) VCC = Max. VI = 0.5V — — ±1 µA IOZH High Impedance (4) VCC = Max. VO = 2.7V — — ±1 µA IOZL Output Current VO = 0.5V — — ±1 II Input HIGH Current (4) VCC = Max., VI = VCC (Max.) — — ±1 µA VIK Clamp Diode Voltage VCC = Min., IN = –18mA — –0.7 –1.2 V IOS Short Circuit Current VCC = Max. (3), VO = GND –60 –120 –225 mA VOH Output HIGH Voltage VCC = Min. IOH = –6mA MIL. 2.4 3.3 — V VIN = VIH or VIL IOH = –8mA COM’L. IOH = –12mA MIL. 2.0 3.0 — IOH = –15mA COM’L. VOL Output LOW Voltage VCC = Min. IOL = 32mA MIL. — 0.3 0.5 V VIN = VIH or VIL IOL = 48mA COM’L. VH Input Hysteresis — — 200 — mV ICC Quiescent Power VCC = Max. — 0.01 1 mA Supply Current VIN = GND or VCC NOTES: 2619 tbl 05 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25 °C ambient. 3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second. 4. The test limit for this parameter is ±5µA at TA = -55°C. Symbol Parameter(1) Conditions Typ. Max. Unit CIN Input Capacitance VIN = 0V 6 10 pF COUT Output Capacitance VOUT = 0V 8 12 pF 2619 lnk 04 2619 lnk 03 NOTE: 1. This parameter is measured at characterization but not tested. |
유사한 부품 번호 - 5429FCT520BTSOB |
|
유사한 설명 - 5429FCT520BTSOB |