전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1307DL-T1-E3 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI1307DL-T1-E3
상세설명  P-Channel 1.8 V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1307DL-T1-E3 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI1307DL-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1307DL-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1307DL-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1307DL-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1307DL-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vishay Siliconix
Si1307DL
Document Number: 71077
S10-0721-Rev. B, 29-Mar-10
www.vishay.com
1
P-Channel 1.8 V (G-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs: 1.8 V Rated
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 12
0.290 at VGS = - 4.5 V
± 0.91
0.435 at VGS = - 2.5 V
± 0.74
0.580 at VGS = - 1.8 V
± 0.64
SOT-323
SC-70 (3-LEADS)
1
2
3
Top View
G
S
D
LC
XX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si1307DL-T1-E3 (Lead (Pb)-free)
Si1307DL-T1-GE3 (Lead (Pb)-free and Halogen-free)
Notes:
a. Surface mounted on 1" x 1" FR4 board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
- 12
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
± 0.91
± 0.85
A
TA = 70 °C
± 0.72
± 0.68
Pulsed Drain Current
IDM
± 3
Continuous Diode Current (Diode Conduction)a
IS
- 0.28
- 0.24
Maximum Power Dissipationa
TA = 25 °C
PD
0.34
0.29
W
TA = 70 °C
0.22
0.19
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
315
375
°C/W
Steady State
360
430
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
285
340


유사한 부품 번호 - SI1307DL-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
More results

유사한 설명 - SI1307DL-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com