전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD568 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD568
상세설명  12-Bit Ultrahigh Speed Monolithic D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD568 데이터시트(HTML) 1 Page - Analog Devices

  AD568_15 Datasheet HTML 1Page - Analog Devices AD568_15 Datasheet HTML 2Page - Analog Devices AD568_15 Datasheet HTML 3Page - Analog Devices AD568_15 Datasheet HTML 4Page - Analog Devices AD568_15 Datasheet HTML 5Page - Analog Devices AD568_15 Datasheet HTML 6Page - Analog Devices AD568_15 Datasheet HTML 7Page - Analog Devices AD568_15 Datasheet HTML 8Page - Analog Devices AD568_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
12-Bit Ultrahigh Speed
Monolithic D/A Converter
AD568
FEATURES
Ultrahigh Speed: Current Settling to 1 LSB in 35 ns
High Stability Buried Zener Reference on Chip
Monotonicity Guaranteed Over Temperature
10.24 mA Full-Scale Output Suitable for Video
Applications
Integral and Differential Linearity Guaranteed Over
Temperature
0.3" “Skinny DIP” Packaging
Variable Threshold Allows TTL and CMOS
Interface
MIL-STD-883 Compliant Versions Available
PRODUCT DESCRIPTION
The AD568 is an ultrahigh-speed, 12-bit digital-to-analog con-
verter (DAC) settling to 0.025% in 35 ns. The monolithic de-
vice is fabricated using Analog Devices’ Complementary Bipolar
(CB) Process. This is a proprietary process featuring high-speed
NPN and PNP devices on the same chip without the use of di-
electric isolation or multichip hybrid techniques. The high speed
of the AD568 is maintained by keeping impedance levels low
enough to minimize the effects of parasitic circuit capacitances.
The DAC consists of 16 current sources configured to deliver a
10.24 mA full-scale current. Multiple matched current sources
and thin-film ladder techniques are combined to produce bit
weighting. The DAC’s output is a 10.24 mA full scale (FS) for
current output applications or a 1.024 V FS unbuffered voltage
output. Additionally, a 10.24 V FS buffered output may be gen-
erated using an onboard 1 k
Ω span resistor with an external op
amp. Bipolar ranges are accomplished by pin strapping.
Laser wafer trimming insures full 12-bit linearity. All grades of
the AD568 are guaranteed monotonic over their full operating
temperature range. Furthermore, the output resistance of the
DAC is trimmed to 100
Ω ± 1.0%. The gain temperature coeffi-
cient of the voltage output is 30 ppm/
°C max (K).
The AD568 is available in three performance grades. The
AD568JQ and KQ are available in 24-pin cerdip (0.3") packages
and are specified for operation from 0
°C to +70°C. The
AD568SQ features operation from –55
°C to +125°C and is also
packaged in the hermetic 0.3" cerdip.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT HIGHLIGHTS
1. The ultrafast settling time of the AD568 allows leading edge
performance in waveform generation, graphics display and
high speed A/D conversion applications.
2. Pin strapping provides a variety of voltage and current output
ranges for application versatility. Tight control of the abso-
lute output current reduces trim requirements in externally-
scaled applications.
3. Matched on-chip resistors can be used for precision scaling in
high speed A/D conversion circuits.
4. The digital inputs are compatible with TTL and +5 V
CMOS logic families.
5. Skinny DIP (0.3") packaging minimizes board space require-
ments and eases layout considerations.
6. The AD568 is available in versions compliant with MIL-
STD-883. Refer to the Analog Devices Military Products
Databook or current AD568/883B data sheet for detailed
specifications.


유사한 부품 번호 - AD568_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD568 AD-AD568_17 Datasheet
575Kb / 15P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
More results

유사한 설명 - AD568_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568_17 Datasheet
575Kb / 15P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
AD668 AD-AD668 Datasheet
602Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668 AD-AD668_15 Datasheet
250Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668SQ AD-AD668SQ Datasheet
221Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
logo
List of Unclassifed Man...
SPT5140 ETC2-SPT5140 Datasheet
80Kb / 12P
   8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT5140 CADEKA-SPT5140 Datasheet
428Kb / 12P
   8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
logo
Analog Devices
AD565 AD-AD565_15 Datasheet
1,010Kb / 3P
   COMPLETE HIGH SPEED 12 BIT MONOLITHIC D/A CONVERTER
AD9768 AD-AD9768_15 Datasheet
107Kb / 4P
   Ultrahigh Speed IC D/A Converter
REV. A
AD9768 AD-AD9768 Datasheet
103Kb / 4P
   Ultrahigh Speed IC D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com