전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD688 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD688
상세설명  High Precision 10 V Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD688 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD688_15 Datasheet HTML 6Page - Analog Devices AD688_15 Datasheet HTML 7Page - Analog Devices AD688_15 Datasheet HTML 8Page - Analog Devices AD688_15 Datasheet HTML 9Page - Analog Devices AD688_15 Datasheet HTML 10Page - Analog Devices AD688_15 Datasheet HTML 11Page - Analog Devices AD688_15 Datasheet HTML 12Page - Analog Devices AD688_15 Datasheet HTML 13Page - Analog Devices AD688_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD688
Rev. B | Page 10 of 16
FREQUENCY (Hz)
100
–20
10
10M
100
1k
10k
100k
1M
80
60
40
20
0
GAIN
PHASE
0
–180
–30
–60
–90
–120
–150
Figure 14. A3, A4 Open-Loop Frequency Response
FREQUENCY (Hz)
110
0
10
10M
100
1k
10k
100k
1M
100
80
60
40
20

VS = ±15V
VCM = 1V p-p 25°C
Figure 15. A3, A4 CMR vs. Frequency
FREQUENCY (Hz)
110
10
10
10M
100
1k
10k
100k
1M
100
80
60
40
20
VS = ±15V WITH
1V p-p SINE WAVE
+SUPPLY
–SUPPLY
Figure 16. A3, A4 PSR vs. Frequency
FREQUENCY (Hz)
1
10k
10
100
1k
100
90
0
80
70
60
50
40
30
20
10
Figure 17. Input Noise Voltage Spectral Density
100
90
10
0%
5V
50
µs
Figure 18. Unity-Gain Follower Pulse Response (Large Signal)
100
90
10
0%
50mV
2
µs
Figure 19. Unity-Gain Follower Pulse Response (Small Signal)


유사한 부품 번호 - AD688_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD688AQ AD-AD688AQ Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD688AQ AD-AD688AQ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688BQ AD-AD688BQ Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD688BQ AD-AD688BQ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
More results

유사한 설명 - AD688_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
REF01 AD-REF01 Datasheet
384Kb / 12P
   10 V Precision Voltage Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com