전자부품 데이터시트 검색엔진 |
|
SMK316B7332KFHT 데이터시트(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc |
|
SMK316B7332KFHT 데이터시트(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc |
1 / 2 page Spec Sheet http://www.ty-top.com The data is reference only. Electrical characteristics vary depending on environment or measurement condition. TAIYO YUDEN reserves the right to make change to the Date at any time without notice. Before making final selection, please check product specification. CERAMIC CAPACITORS Medium-High Voltage MLCC for Automotive / Industrial Applications SMK316B7332KFHT Features Item Summary 630V, X7R, 0.0033μF, ±10%, 1206 Lifecycle Stage Mass Production AEC-Q200 qualified Standard packaging quantity (minimum) Taping Embossed 3000pcs Products characteristics table CaseSize (EIA/JIS) 1206/3216 Rated Voltage (max) 630V Capacitance 0.0033μF Capacitance Tolerance ±10% Resistance 10,000 MΩ min. Dielectric Loss Tangent 2.5%MAX Temperature Characteristics (EIA/JIS) X7R/- Temperature Range (EIA/JIS) -55 to +125℃/- Capacitance Change (EIA/JIS) ±15/-% RoHS Compliance Yes Halogen Free Yes Soldering Method Reflow External Dimensions L 3.2mm ±0.15 W 1.6mm ±0.15 T 1.15mm ±0.10 e 0.5mm +0.35:-0.25 2015.02.03 1 / 1 |
유사한 부품 번호 - SMK316B7332KFHT |
|
유사한 설명 - SMK316B7332KFHT |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |