전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11920-E 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LB11920-E
상세설명  Three-Phase Brushless Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11920-E 데이터시트(HTML) 2 Page - ON Semiconductor

  LB11920-E Datasheet HTML 1Page - ON Semiconductor LB11920-E Datasheet HTML 2Page - ON Semiconductor LB11920-E Datasheet HTML 3Page - ON Semiconductor LB11920-E Datasheet HTML 4Page - ON Semiconductor LB11920-E Datasheet HTML 5Page - ON Semiconductor LB11920-E Datasheet HTML 6Page - ON Semiconductor LB11920-E Datasheet HTML 7Page - ON Semiconductor LB11920-E Datasheet HTML 8Page - ON Semiconductor LB11920-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LB11920
No.7229-2/10
Allowable Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1
VM
9.5 to 30
V
Supply voltage range 2
VCC
4.5 to 5.5
V
HP pin applied voltage
VHP
0 to 32
V
HP pin output current
IHP
0 to 3
mA
Electrical Characteristics at Ta
= 25°C, VM = RF = 27V, VCC = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current 1
IVCC-1
VCC pin
9
13
mA
Supply current 2
IVCC-2
VCC pin at stop mode
2.0
3.0
mA
Output block
Output saturation voltage 1
VO sat1
IO = 1.0A, VO (sink) + VO (source)
1.7
2.4
V
Output saturation voltage 2
VO sat2
IO = 2.0A, VO (sink) + VO (source)
2.0
2.9
V
Output saturation voltage 3
VO sat3
IO = 3.0A, VO (sink) + VO (source)
2.4
3.5
V
Output leakage current
IO leak
100
μA
Output delay time 1
td1
PWMIN “H”
→ “L”
1.25
2.5
μs
Output delay time 2
td2
PWMIN “L”
→ “H”
1.8
3.6
μs
Lower diode forward 1
VD1-1
ID = -1.0A
1.1
1.5
V
Lower diode forward 2
VD1-2
ID = -2.0A
1.3
1.9
V
Lower diode forward 3
VD1-3
ID = -3.0A
1.5
2.3
V
Upper diode forward 1
VD2-1
ID = 1.0A
1.3
1.7
V
Upper diode forward 2
VD2-2
ID = 2.0A
2.0
2.7
V
Upper diode forward 3
VD2-3
ID = 3.0A
2.7
3.7
V
Hall Amplifier
Input bias current
IHB
-2
-0.1
μA
Common-mode input voltage range 1
VICM1
Hall device used
0.5
VCC-2.0
V
Common-mode input voltage range 2
VICM2
For input one-side bias (Hall IC application)
0
VCC
V
Hall input sensitivity
at differential input
50
mVp-p
Hysteresis width
ΔVIN
20
30
50
mV
Input voltage low
→ high
VSLH
5
15
25
mV
Input voltage high
→ low
VSHL
-25
-15
-5
mV
PWM oscillator
Output H level voltage
VOH (PWM)
2.75
3.0
3.25
V
Output L level voltage
VOL (PWM)
1.0
1.2
1.3
V
External C charge current
ICHG(PWM)
VPWM = 2.1V
-60
-45
-30
μA
Oscillator frequency
f (PWM)
C = 1000pF
15.8
20
24.2
kHz
Amplitude
V (PWM)
1.6
1.8
2.1
Vp-p
CSD circuit
Operating voltage
VOH (CSD)
3.6
3.9
4.2
V
External C charge current
ICHG (CSD)
VCSD = 0V
-15
-11
-7
μA
Operating time
T (CSD)
C = 10
μF, Design target value*
3.5
s
HP pin
Output low level voltage
VOL (HP)
IHP = 2mA
0.1
0.4
V
Output leakage current
Ileak(HP)
VHP = 30V
10
μA
Thermal shutdown operation
Thermal shutdown operating
temperature
TTSD
Design target value* (junction temperature)
150
180
°C
Hysteresis width
ΔTSD
Design target value* (junction temperature)
45
°C
Current limiter circuit (RF pin)
Limiter voltage
VRF
0.45
0.5
0.55
V
Note : * This parameter is a design target value and is not measured.
Continued on next page.


유사한 부품 번호 - LB11920-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB11920 SANYO-LB11920 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
More results

유사한 설명 - LB11920-E

제조업체부품명데이터시트상세설명
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com