전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G6BU-1114P-US 데이터시트(PDF) 5 Page - Omron Electronics LLC

부품명 G6BU-1114P-US
상세설명  Subminiature Relay that Switches up to 5 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6BU-1114P-US 데이터시트(HTML) 5 Page - Omron Electronics LLC

  G6BU-1114P-US Datasheet HTML 1Page - Omron Electronics LLC G6BU-1114P-US Datasheet HTML 2Page - Omron Electronics LLC G6BU-1114P-US Datasheet HTML 3Page - Omron Electronics LLC G6BU-1114P-US Datasheet HTML 4Page - Omron Electronics LLC G6BU-1114P-US Datasheet HTML 5Page - Omron Electronics LLC G6BU-1114P-US Datasheet HTML 6Page - Omron Electronics LLC G6BU-1114P-US Datasheet HTML 7Page - Omron Electronics LLC G6BU-1114P-US Datasheet HTML 8Page - Omron Electronics LLC G6BU-1114P-US Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Power PCB Relay
G6B
171
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Orientation marks are indicated as follows:
■ Single Pole
Terminal Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
G6B-1114P-US
G6BU-1114P-US
G6BU-1114P, -1114C
G6B-1114P, -1114C
G6BU-1114P, -1114C
G6B-1114C-US
G6BU-1114C-US
G6B-1114P, -1114C
7.62
10.16
7.62
(1.1)
(1.2)
Four,
1.1-dia. holes
6
1
34
-
+
6
1
34
-
+
SR
+
-
*Average value
0.5
0.9
0.9
0.85
0.3
3.5
0.5
10 max.
(9.8)
*
10 max.
(9.8)
*
20 max.
(19.9)
*
*Average value
0.9
0.9
0.85
0.5
10 max.
(9.8)
*
0.3
3.2
10 max.
(9.8)
*
0.5
20 max.
(19.9)
*
3.5
0.85
G6BK-1114P-US
G6BK-1114P, -1114C
G6BK-1114P, -1114C
G6BK-1114C-US
Terminal Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
7.62
7.62
2.54
7.62
(1.1)
(1.2)
Six, 1.1-dia. holes
6
1
34
-
+
S
7
2 -
+
R
*Average value
0.5
0.3
3.5
0.5
10 max.
(9.8)*
10 max.
(9.8)*
20 max.
(19.9)*
0.9
0.9
0.85
0.85
*Average value
0.5
10 max.
(9.8)*
0.3
3.5
10 max.
(9.8)*
0.5
20 max.
(19.9)*
3.2
0.9
0.9
0.85
0.85
Terminal Arrangement/Internal
Connections (Bottom View)
G6B-1174P-US
G6B-1174C-US
*Average value
*Average value
Mounting Holes
(Bottom View)
G6B-1174P, -1174C
7.62
10.16
7.62
(1.1)
(1.2)
Four, 1.1-dia. holes
0.5
10 max.
(9.9)*
0.65
3.5
0.45
12.5 max.
(12.45)*
20.2 max.
(20.0)*
0.9
0.9
0.85
0.5
10 max.
(9.9)*
0.65
12.5 max.
(12.45)*
3.2
0.45
20.2 max.
(20.0)*
3.5
0.9
0.9
0.85


유사한 부품 번호 - G6BU-1114P-US

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G6BU-1114P-US ETC1-G6BU-1114P-US Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
logo
Omron Electronics LLC
G6BU-1114P-US OMRON-G6BU-1114P-US Datasheet
611Kb / 10P
   Power PCB Relay
G6BU-1114P-US OMRON-G6BU-1114P-US Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
G6BU-1114P-US-U OMRON-G6BU-1114P-US-U Datasheet
1Mb / 10P
   High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types
More results

유사한 설명 - G6BU-1114P-US

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G6B-1177P-ND-US-DC12 OMRON-G6B-1177P-ND-US-DC12 Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
logo
List of Unclassifed Man...
G6B ETC1-G6B Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
logo
TE Connectivity Ltd
1-1773844-3 TEC-1-1773844-3 Datasheet
2Mb / 2P
   SUBMINIATURE SWITCHES
logo
Eaton All Rights Reserv...
ZB12-4 EATON-ZB12-4 Datasheet
139Kb / 5P
   Overload relay ZB up to 150 A
11/04/2022
logo
ZETTLER Electronics
AZ881 ZETTLER-AZ881 Datasheet
59Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
C&K Components
T101J1ABE2 CK-COMPONENTS-T101J1ABE2 Datasheet
2Mb / 6P
   Subminiature Rocker Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com