전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G6BU-1114C-US 데이터시트(PDF) 1 Page - Omron Electronics LLC

부품명 G6BU-1114C-US
상세설명  Subminiature Relay that Switches up to 5 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6BU-1114C-US 데이터시트(HTML) 1 Page - Omron Electronics LLC

  G6BU-1114C-US Datasheet HTML 1Page - Omron Electronics LLC G6BU-1114C-US Datasheet HTML 2Page - Omron Electronics LLC G6BU-1114C-US Datasheet HTML 3Page - Omron Electronics LLC G6BU-1114C-US Datasheet HTML 4Page - Omron Electronics LLC G6BU-1114C-US Datasheet HTML 5Page - Omron Electronics LLC G6BU-1114C-US Datasheet HTML 6Page - Omron Electronics LLC G6BU-1114C-US Datasheet HTML 7Page - Omron Electronics LLC G6BU-1114C-US Datasheet HTML 8Page - Omron Electronics LLC G6BU-1114C-US Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Power PCB Relay
G6B
167
Power PCB Relay
G6B
Subminiature Relay that Switches up to 5 A
• Subminiature: 20 x 10 x 10 mm (L x W x H).
• Low power consumption: 200 mW.
• Unique moving loop armature reduces relay size, magnetic
interference, and contact bounce time.
• Fully sealed construction
• Single and Dual coil latching types also available.
• High Capacity versions available
• RoHS Compliant
R
C+
Ordering Information
Model Number Legend
Classification
Contact form
Straight Through-hole PCB
Self-clinching Through-hole PCB
Non-latching
SPST-NO
G6B-1114P-US
G6B-1114C-US
SPST-NO+SPST-NC
G6B-2114P-US
G6B-2114C-US
DPST-NO
G6B-2214P-US
G6B-2214C-US
DPST-NC
G6B-2014P-US
G6B-2014C-US
Single coil latching
SPST-NO
G6BU-1114P-US
G6BU-1114C-US
Dual coil latching
SPST-NO
G6BK-1114P-US
G6BK-1114C-US
High-capacity, Non-latching
SPST-NO
G6B-1174P-US
G6B-1174C-US
Rated coil voltage
Note: When ordering, add the rated coil voltage to the model number.
Example: G6B-1114P-US DC12
1. Relay Function
None: Non-latching
U:
Single coil latching
K:
Dual coil latching
2. Contact Form
21:
SPST-NO + SPST-NC
22:
DPST-NO
20:
DPST-NC
11:
SPST-NO
3. Contact Type
1: Standard
7: High-capacity
4. Enclosure Ratings
4: Fully sealed
5. Terminals
P: Straight Through-hole PCB
C: Self-clinching Through-hole PCB
6. Approved Standards
US:
UL/CSA certified
7. Mounting Method
None: Mount directly to PCB
P6B: Mount to Socket
8. Rated Coil Voltage
5, 6, 12, or 24 VDC
G6B
-
-
-
DC
12 34 5
67
8


유사한 부품 번호 - G6BU-1114C-US

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G6BU-1114C-US ETC1-G6BU-1114C-US Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
logo
Omron Electronics LLC
G6BU-1114C-US OMRON-G6BU-1114C-US Datasheet
611Kb / 10P
   Power PCB Relay
G6BU-1114C-US OMRON-G6BU-1114C-US Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
More results

유사한 설명 - G6BU-1114C-US

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G6B-1177P-ND-US-DC12 OMRON-G6B-1177P-ND-US-DC12 Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
logo
List of Unclassifed Man...
G6B ETC1-G6B Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
logo
TE Connectivity Ltd
1-1773844-3 TEC-1-1773844-3 Datasheet
2Mb / 2P
   SUBMINIATURE SWITCHES
logo
Eaton All Rights Reserv...
ZB12-4 EATON-ZB12-4 Datasheet
139Kb / 5P
   Overload relay ZB up to 150 A
11/04/2022
logo
ZETTLER Electronics
AZ881 ZETTLER-AZ881 Datasheet
59Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
C&K Components
T101J1ABE2 CK-COMPONENTS-T101J1ABE2 Datasheet
2Mb / 6P
   Subminiature Rocker Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com