전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD825 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD825
상세설명  Low Cost, General-Purpose High Speed JFET Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD825 데이터시트(HTML) 1 Page - Analog Devices

  AD825_15 Datasheet HTML 1Page - Analog Devices AD825_15 Datasheet HTML 2Page - Analog Devices AD825_15 Datasheet HTML 3Page - Analog Devices AD825_15 Datasheet HTML 4Page - Analog Devices AD825_15 Datasheet HTML 5Page - Analog Devices AD825_15 Datasheet HTML 6Page - Analog Devices AD825_15 Datasheet HTML 7Page - Analog Devices AD825_15 Datasheet HTML 8Page - Analog Devices AD825_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Cost, General-Purpose
High Speed JFET Amplifier
Data Sheet
AD825
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High speed
41 MHz, −3 dB bandwidth
125 V/µs slew rate
80 ns settling time
Input bias current of 20 pA and noise current of 10 fA/√Hz
Input voltage noise of 12 nV/√Hz
Fully specified power supplies: ±5 V to ±15 V
Low distortion: −76 dB at 1 MHz
High output drive capability
Drives unlimited capacitance load
50 mA min output current
No phase reversal when input is at rail
Available in 8-lead SOIC
APPLICATIONS
CCDs
Low distortion filters
Mixed gain stages
Audio amplifiers
Photo detector interfaces
ADC input buffers
DAC output buffers
CONNECTION DIAGRAMS
Figure 1. 8-Lead Plastic SOIC (R-8) Package
Figure 2. 16-Lead Plastic SOIC (RW-16) Package
GENERAL DESCRIPTION
The AD825 is a superbly optimized operational amplifier for
high speed, low cost, and dc parameters, making it ideally
suited for a broad range of signal conditioning and data
acquisition applications. The ac performance, gain, bandwidth,
slew rate, and drive capability are all very stable over
temperature. The AD825 also maintains stable gain under
varying load conditions.
The unique input stage has ultralow input bias current and
input current noise. Signals that go to either rail on this high
performance input do not cause phase reversals at the output.
These features make the AD825 a good choice as a buffer for
MUX outputs, creating minimal offset and gain errors.
The AD825 is fully specified for operation with dual ±5 V and
±15 V supplies. This power supply flexibility, and the low
supply current of 6.5 mA with excellent ac characteristics under
all supply conditions, makes the AD825 well-suited for many
demanding applications.
Figure 3. Performance with Rail-to-Rail Input Signals
NC = NO CONNECT
AD825
TOP VIEW
(Not to Scale)
NC
1
–IN
2
+IN
3
–VS 4
NC
8
+VS
7
OUTPUT
6
NC
5
NC
1
NC
2
NC
3
–INPUT
4
+INPUT
5
–VS 6
NC
7
NC
8
NC
10
NC
16
NC
15
NC
14
+VS
13
OUTPUT
12
NC
11
NC
9
AD825
TOP VIEW
(Not to Scale)
NC = NO CONNECT
10V
200ns
10V


유사한 부품 번호 - AD825_15

제조업체부품명데이터시트상세설명
logo
Elite Semiconductor Mem...
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
AD82551A-CG ESMT-AD82551A-CG Datasheet
187Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
More results

유사한 설명 - AD825_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD825ARZ AD-AD825ARZ Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825 AD-AD825_04 Datasheet
413Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825 AD-AD825 Datasheet
2Mb / 11P
   Low Cost, General Purpose High Speed JFET Amplifier
REV. C
AD825ARZ-REEL AD-AD825ARZ-REEL Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
   LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
Analog Devices
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
   GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com