전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD842 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD842
상세설명  Wideband, High Output Current Fast Settling Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD842 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD842_15 Datasheet HTML 4Page - Analog Devices AD842_15 Datasheet HTML 5Page - Analog Devices AD842_15 Datasheet HTML 6Page - Analog Devices AD842_15 Datasheet HTML 7Page - Analog Devices AD842_15 Datasheet HTML 8Page - Analog Devices AD842_15 Datasheet HTML 9Page - Analog Devices AD842_15 Datasheet HTML 10Page - Analog Devices AD842_15 Datasheet HTML 11Page - Analog Devices AD842_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD842
Data Sheet
Figure 22. Inverting Large Signal Pulse Response (see Figure 24)
Figure 23. Inverting Small Signal Pulse Response (see Figure 24)
Figure 24. Inverting Amplifier Configuration (PDIP)
Figure 25. Noninverting Large Signal Pulse Response (see Figure 27)
Figure 26. Noninverting Small Signal Pulse Response (see Figure 27)
Figure 27. Noninverting Amplifier Configuration (PDIP)
100%
90%
0%
10%
2V
50ns
100%
90%
0%
10%
50mV
50ns
+VS
–VS
VOUT
499Ω
332Ω
2.2µF
0.1µF
2.2µF
0.1µF
FUNCTION
GENERATOR
RIN =
499Ω
RF = 1kΩ
AD842
11
6
10
4
5
49.9Ω
100%
90%
0%
10%
2V
50ns
100%
90%
0%
10%
50mV
50ns
+VS
–VS
VOUT
499Ω
2.2µF
0.1µF
2.2µF
0.1µF
FUNCTION
GENERATOR
100Ω
RF = 205Ω
RF = 205Ω
VIN
AD842
11
6
10
4
5
49.9Ω
Rev. F | Page 8 of 16


유사한 부품 번호 - AD842_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD842 AD-AD842_17 Datasheet
400Kb / 17P
   Wideband, High Output Current Fast Settling Op Amp
More results

유사한 설명 - AD842_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD842 AD-AD842_17 Datasheet
400Kb / 17P
   Wideband, High Output Current Fast Settling Op Amp
AD842 AD-AD842 Datasheet
475Kb / 10P
   Wideband, High Output Current, Fast Settling Op Amp
REV. E
logo
National Semiconductor ...
CLC103 NSC-CLC103 Datasheet
404Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Exar Corporation
KH103AI EXAR-KH103AI Datasheet
589Kb / 7P
   Fast Settling, High Current Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH103 CADEKA-KH103 Datasheet
334Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Fairchild Semiconductor
KH103 FAIRCHILD-KH103 Datasheet
363Kb / 6P
   Fast Settling, High Current Wideband Op Amp
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
   Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
   Wideband, Fast Settling Op Amp
REV. C
logo
Cadeka Microcircuits LL...
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
   Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840 Datasheet
419Kb / 8P
   Wideband, Fast Settling Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com