전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5404DC-T1-E3 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI5404DC-T1-E3
상세설명  N-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5404DC-T1-E3 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI5404DC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5404DC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5404DC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5404DC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5404DC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si5404DC
Vishay Siliconix
www.vishay.com
2
Document Number: 71057
S-31989—Rev. C, 13-Oct-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 85_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 4.5 V
20
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 5.2 A
0.025
0.030
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 4.3 A
0.038
0.045
W
Forward Transconductancea
gfs
VDS = 10 V, ID = 5.2 A
20
S
Diode Forward Voltagea
VSD
IS = 1.1 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
12
18
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID = 5.2 A
2.4
nC
Gate-Drain Charge
Qgd
3.2
Turn-On Delay Time
td(on)
20
30
Rise Time
tr
VDD = 10 V, RL = 10 W
40
60
Turn-Off Delay Time
td(off)
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
40
60
ns
Fall Time
tf
15
23
Source-Drain Reverse Recovery Time
trr
IF = 1.1 A, di/dt = 100 A/ms
30
60
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 thru 3 V
TC = 125_C
-55_C
2 V
25_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
1.5 V
2.5 V


유사한 부품 번호 - SI5404DC-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5404DC-T1 VISHAY-SI5404DC-T1 Datasheet
66Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
More results

유사한 설명 - SI5404DC-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9428DY VISHAY-SI9428DY Datasheet
38Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 26-May-03
SI5404DC VISHAY-SI5404DC Datasheet
66Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5406DC VISHAY-SI5406DC Datasheet
98Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
logo
Guangdong Kexin Industr...
KI5404BDC KEXIN-KI5404BDC Datasheet
63Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3442BDV VISHAY-SI3442BDV_17 Datasheet
189Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI9426DY VISHAY-SI9426DY Datasheet
39Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 26-May-03
SI4466DY-T1-E3 VISHAY-SI4466DY-T1-E3 Datasheet
230Kb / 8P
   N-Channel 2.5-V (G-S) MOSFET
Rev. F, 04-May-09
SI6466ADQ VISHAY-SI6466ADQ Datasheet
81Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 18-Aug-03
SI3442BDV-T1-GE3 VISHAY-SI3442BDV-T1-GE3 Datasheet
185Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
logo
Guangdong Kexin Industr...
KI5406DC KEXIN-KI5406DC Datasheet
62Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3446DV VISHAY-SI3446DV Datasheet
91Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com