전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1377 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD1377
상세설명  Complete, High Speed 16-Bit A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1377 데이터시트(HTML) 3 Page - Analog Devices

  AD1377_15 Datasheet HTML 1Page - Analog Devices AD1377_15 Datasheet HTML 2Page - Analog Devices AD1377_15 Datasheet HTML 3Page - Analog Devices AD1377_15 Datasheet HTML 4Page - Analog Devices AD1377_15 Datasheet HTML 5Page - Analog Devices AD1377_15 Datasheet HTML 6Page - Analog Devices AD1377_15 Datasheet HTML 7Page - Analog Devices AD1377_15 Datasheet HTML 8Page - Analog Devices AD1377_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD1376/AD1377
Rev. D | Page 3 of 12
SPECIFICATIONS
Typical at TA = 25°C, VS = ±15 V, +5 V, unless otherwise noted.
Table 1.
AD1376JD/AD1377JD
AD1376KD/AD1377KD
Model
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
16
16
Bits
ANALOG INPUTS
Voltage Ranges
Bipolar
±2.5
±2.5
V
±5
±5
V
±10
±10
V
Unipolar
0 to 5
0 to 5
V
0 to 10
0 to 10
V
0 to 20
0 to 20
V
Impedance (Direct Input)
V
0 V to +5 V, ±2.5 V
1.88
1.88
kΩ
0 V to +10 V, ±5.0 V
3.75
3.75
kΩ
0 V to +20 V, ±10 V
7.50
7.50
kΩ
DIGITAL INPUTS1
Convert Command
Trailing edge of positive 50 ns (min) pulse
Logic Loading
1
1
LS TTL Load
TRANSFER CHARACTERISTICS2
(ACCURACY)
Gain Error
±0.053
±0.2
± 0.053
± 0.2
%
Offset Error
Unipolar
±0.053
±0.1
±0.053
±0.1
% of FSR4
Bipolar
±0.053
±0.2
±0.053
±0.2
% of FSR
Linearity Error (Max)
±0.006
±0.003
% of FSR
Inherent Quantization Error
±1/2
±1/2
LSB
Differential Linearity Error
±0.003
±0.003
% of FSR
POWER SUPPLY SENSITIVITY
±15 V DC (±0.75 V)
0.0015
0.0015
% of FSR/% ∆VS
+5 V DC (±0.25 V)
0.001
0.001
% of FSR/% ∆VS
CONVERSION TIME5
12 Bits (AD1376)
11.5
13
11.5
13
µs
14 Bits (AD1376)
13.5
15
13.5
15
µs
16 Bits (AD1376)
15.5
17
15.5
17
µs
14 Bits (AD1377)
8.75
8.75
µs
16 Bits (AD1377)
10
10
µs
POWER SUPPLY REQUIREMENTS
Analog Supplies
+14.5
+15
+15.5
+14.5
+15
+15.5
V dc
−14.5
−15
−15.5
−14.5
−15
−15.5
V dc
Digital Supply
+4.75
+5
+5.25
+4.75
+5
+5.25
V dc
AD1376 Power Consumption
600
800
600
800
mW
+15 V Supply Drain
+10
+10
mA
−15 V Supply Drain
−23
−23
mA
+5 V Supply Drain
+18
+18
mA
AD1377 Power Consumption
600
800
600
800
mW
+15 V Supply Drain
+10
+10
mA
−15 V Supply Drain
−23
−23
mA
+5 V Supply Drain
+18
+18
mA
WARM-UP TIME
1
1
Minutes


유사한 부품 번호 - AD1377_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1377JD AD-AD1377JD Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD1377JD AD-AD1377JD Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
AD1377KD AD-AD1377KD Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD1377KD AD-AD1377KD Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
More results

유사한 설명 - AD1377_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1376 AD-AD1376 Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
AD1376 AD-AD1376_15 Datasheet
403Kb / 12P
   Complete, High Speed 16-Bit A/D Converters
REV. D
ADADC71 AD-ADADC71 Datasheet
647Kb / 8P
   Complete, High Resolution 16-Bit A/D Converters
REV. A
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com