전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1380 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD1380
상세설명  Low Cost 16-Bit Sampling ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1380 데이터시트(HTML) 5 Page - Analog Devices

  AD1380_15 Datasheet HTML 1Page - Analog Devices AD1380_15 Datasheet HTML 2Page - Analog Devices AD1380_15 Datasheet HTML 3Page - Analog Devices AD1380_15 Datasheet HTML 4Page - Analog Devices AD1380_15 Datasheet HTML 5Page - Analog Devices AD1380_15 Datasheet HTML 6Page - Analog Devices AD1380_15 Datasheet HTML 7Page - Analog Devices AD1380_15 Datasheet HTML 8Page - Analog Devices AD1380_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD1380
Rev. D | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Supply Voltage
±18 V
Logic Supply Voltage
+7 V
Analog Ground to Digital Ground
±0.3 V
Analog Inputs (Pin 6, Pin 7, Pin 31)
±VS
Digital Input
−0.3 V to V
+ 0.3 V
DD
Output Short-Circuit Duration to
Ground
Sample/Hold
Indefinite
Data
1 sec for any one output
Junction Temperature
175°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


유사한 부품 번호 - AD1380_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1380JD AD-AD1380JD Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
AD1380KD AD-AD1380KD Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
More results

유사한 설명 - AD1380_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1380 AD-AD1380 Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
logo
Analog Devices
AD1876 AD-AD1876 Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_15 Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_17 Datasheet
421Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676 Datasheet
388Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com