전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL1003A450 데이터시트(PDF) 4 Page - Littelfuse

부품명 SL1003A450
상세설명  Gas Discharge Tube (GDT) Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1003A450 데이터시트(HTML) 4 Page - Littelfuse

  SL1003A450 Datasheet HTML 1Page - Littelfuse SL1003A450 Datasheet HTML 2Page - Littelfuse SL1003A450 Datasheet HTML 3Page - Littelfuse SL1003A450 Datasheet HTML 4Page - Littelfuse SL1003A450 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2009 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
43
Revised: November 10, 2009
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1003A Series
SL1003A Series
Reflow Condition
Pb-free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (Min to Max) (t
s)
60 – 180 seconds
Average Ramp-up Rate (LiquidusTemp
(T
L) to peak)
3°C/second max.
T
S(max) to TL - Ramp-up Rate
5°C/second max.
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of Actual Peak
Temperature (t
p)
10 – 30 seconds
Ramp-down Rate
6°C/second max.
Time 25°C to PeakTemperature (T
P)
8 minutes max.
Do not exceed
260°C
Soldering Parameters - Reflow Soldering (Surface Mount Devices)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Soldering Parameters - Wave Soldering (Thru-Hole Devices)
Soldering Parameters - Hand Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder PotTemperature:
280
° C Maximum
Solder DwellTime:
2-5 seconds
Recommended Process Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.


유사한 부품 번호 - SL1003A450

제조업체부품명데이터시트상세설명
logo
Littelfuse
SL1003A450 LITTELFUSE-SL1003A450 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
SL1003A450 LITTELFUSE-SL1003A450 Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products SL1003A Series
SL1003A450 LITTELFUSE-SL1003A450 Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1003A450 LITTELFUSE-SL1003A450 Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

유사한 설명 - SL1003A450

제조업체부품명데이터시트상세설명
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com