전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDN537N 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FDN537N
상세설명  Single N-Channel Power Trench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN537N 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FDN537N Datasheet HTML 1Page - Fairchild Semiconductor FDN537N Datasheet HTML 2Page - Fairchild Semiconductor FDN537N Datasheet HTML 3Page - Fairchild Semiconductor FDN537N Datasheet HTML 4Page - Fairchild Semiconductor FDN537N Datasheet HTML 5Page - Fairchild Semiconductor FDN537N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
©2013 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FDN537N Rev.C2
Figure 13.
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.005
0.01
0.1
1
SINGLE PULSE
RθJA = 180
o
C/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Junction-to-Ambient Transient Thermal Response Curve
Typical Characteristics T
J = 25 °C unless otherwise noted


유사한 부품 번호 - FDN537N

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
FDN537N-NL VBSEMI-FDN537N-NL Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - FDN537N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDMC6296 FAIRCHILD-FDMC6296 Datasheet
274Kb / 7P
   Single N-Channel Logic-Level Power Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM1607D HMSEMI-HM1607D Datasheet
874Kb / 6P
   N-Channel Trench Power MOSFET
logo
Leshan Radio Company
LN7610DT1WG LRC-LN7610DT1WG Datasheet
822Kb / 6P
   N-Channel Power Trench MOSFET
LNB86085DT0AG LRC-LNB86085DT0AG Datasheet
395Kb / 5P
   N-Channel Power Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM4030 HMSEMI-HM4030 Datasheet
410Kb / 6P
   N-Channel Trench Power MOSFET
logo
MagnaChip Semiconductor...
MDV1545 MGCHIP-MDV1545 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
logo
First Silicon Co., Ltd
FTK2500NSOT883 FS-FTK2500NSOT883 Datasheet
491Kb / 5P
   20V Single N-channel Trench MOSFET
logo
Fairchild Semiconductor
FDT86244 FAIRCHILD-FDT86244 Datasheet
239Kb / 6P
   N-Channel Power Trench MOSFET
logo
Leshan Radio Company
S-LN7610DT1WG LRC-S-LN7610DT1WG Datasheet
826Kb / 6P
   N-Channel Power Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM4030D HMSEMI-HM4030D Datasheet
850Kb / 6P
   N-Channel Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com