전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1838A 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD1838A
상세설명  2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1838A 데이터시트(HTML) 4 Page - Analog Devices

  AD1838A_15 Datasheet HTML 1Page - Analog Devices AD1838A_15 Datasheet HTML 2Page - Analog Devices AD1838A_15 Datasheet HTML 3Page - Analog Devices AD1838A_15 Datasheet HTML 4Page - Analog Devices AD1838A_15 Datasheet HTML 5Page - Analog Devices AD1838A_15 Datasheet HTML 6Page - Analog Devices AD1838A_15 Datasheet HTML 7Page - Analog Devices AD1838A_15 Datasheet HTML 8Page - Analog Devices AD1838A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. A
AD1838A
–4–
TIMING SPECIFICATIONS
Parameter
Min
Max
Unit
Comments
MASTER CLOCK AND RESET
tMH
MCLK High
15
ns
tML
MCLK Low
15
ns
tPDR
PD/RST Low
20
ns
SPI PORT
tCCH
CCLK High
40
ns
tCCL
CCLK Low
40
ns
tCCP
CCLK Period
80
ns
tCDS
CDATA Setup
10
ns
To CCLK Rising Edge
tCDH
CDATA Hold
10
ns
From CCLK Rising Edge
tCLS
CLATCH Setup
10
ns
To CCLK Rising Edge
tCLH
CLATCH Hold
10
ns
From CCLK Rising Edge
tCOE
COUT Enable
15
ns
From CLATCH Falling Edge
tCOD
COUT Delay
20
ns
From CCLK Falling Edge
tCOTS
COUT Three-State
25
ns
From CLATCH Rising Edge
DAC SERIAL PORT (48 kHz and 96 kHz)
Normal Mode (Slave)
tDBH
DBCLK High
60
ns
tDBL
DBCLK Low
60
ns
fDB
DBCLK Frequency
64
fS
tDLS
DLRCLK Setup
10
ns
To DBCLK Rising Edge
tDLH
DLRCLK Hold
10
ns
From DBCLK Rising Edge
tDDS
DSDATA Setup
10
ns
To DBCLK Rising Edge
tDDH
DSDATA Hold
10
ns
From DBCLK Rising Edge
Packed 128/256 Modes (Slave)
tDBH
DBCLK High
15
ns
tDBL
DBCLK Low
15
ns
fDB
DBCLK Frequency
256
fS
tDLS
DLRCLK Setup
10
ns
To DBCLK Rising Edge
tDLH
DLRCLK Hold
10
ns
From DBCLK Rising Edge
tDDS
DSDATA Setup
10
ns
To DBCLK Rising Edge
tDDH
DSDATA Hold
10
ns
From DBCLK Rising Edge
ADC SERIAL PORT (48 kHz and 96 kHz)
Normal Mode (Master)
tABD
ABCLK Delay
25
ns
From MCLK Rising Edge
tALD
ALRCLK Delay
5
ns
From ABCLK Falling Edge
tABDD
ASDATA Delay
10
ns
From ABCLK Falling Edge
Normal Mode (Slave)
tABH
ABCLK High
60
ns
tABL
ABCLK Low
60
ns
fAB
ABCLK Frequency
64
fS
tALS
ALRCLK Setup
5
ns
To ABCLK Rising Edge
tALH
ALRCLK Hold
15
ns
From ABCLK Rising Edge
tABDD
ASDATA Delay
15
ns
From ABCLK Falling Edge
Packed 128/256 Mode (Master)
tPABD
ABCLK Delay
40
ns
From MCLK Rising Edge
tPALD
LRCLK Delay
5
ns
From ABCLK Falling Edge
tPABDD
ASDATA Delay
10
ns
From ABCLK Falling Edge


유사한 부품 번호 - AD1838A_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1838AAS AD-AD1838AAS Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AAS-REEL AD-AD1838AAS-REEL Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AASZ AD-AD1838AASZ Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AASZ-REEL AD-AD1838AASZ-REEL Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AS AD-AD1838AS Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
More results

유사한 설명 - AD1838A_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1838 AD-AD1838_15 Datasheet
501Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1839 AD-AD1839 Datasheet
319Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
REV. B
AD1839A AD-AD1839A Datasheet
674Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
REV. B
AD1835 AD-AD1835 Datasheet
326Kb / 23P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. PrA
AD1837 AD-AD1837_15 Datasheet
533Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com