전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1866 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD1866
상세설명  Single Supply Dual 16-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1866 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD1866_15 Datasheet HTML 2Page - Analog Devices AD1866_15 Datasheet HTML 3Page - Analog Devices AD1866_15 Datasheet HTML 4Page - Analog Devices AD1866_15 Datasheet HTML 5Page - Analog Devices AD1866_15 Datasheet HTML 6Page - Analog Devices AD1866_15 Datasheet HTML 7Page - Analog Devices AD1866_15 Datasheet HTML 8Page - Analog Devices AD1866_15 Datasheet HTML 9Page - Analog Devices AD1866_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
GROUNDING RECOMMENDATIONS
The AD1866 has two ground pins, designated as AGND (Pin
12) and DGND (Pin 7). The analog ground, AGND, serves as
the “high quality” reference ground for analog signals and as a
return path for the supply current from the analog portion of
the device. The system analog common should be located as
close as possible to Pin 12 to minimize any voltage drop which
may develop between these two points, although the internal
circuit is designed to minimize signal dependence of the analog
return current.
The digital ground, DGND, returns ground current from the
digital logic portion of the device. This pin should be connected
to the digital common node in the system. As shown in Figure
7, the analog and digital grounds should be joined at one point
in a system. When these two grounds are connected such as at
the power supply ground, care should be taken to minimize the
voltage difference between the DGND and AGND pins in or-
der to ensure the specified performance.
POWER SUPPLIES AND DECOUPLING
The AD1866 has three power supply input pins. VS (Pins 9 and
15) provide the supply voltages which operate the analog por-
tion of the device including the 16-bit DACs, the voltage refer-
ences, and the output amplifiers. The VS supplies are designed
to operate from a +5 V supply. These pins should be decoupled
to the analog ground using a 0.1
µF capacitor. Good engineer-
ing practice suggests that the bypass capacitor be placed as
close as possible to the package pins. This minimizes the inher-
ent inductive effects of printed circuit board traces.
VL (Pin 1) operates the digital portions of the chip including the
input shift registers and the input latching circuitry. VL is also
designed to operate from a +5 V supply. This pin should be by-
passed to digital common using a 0.1
µF capacitor, again placed
as close as possible to the package pins. Figure 7 illustrates the
correct connection of the digital and analog supply bypass
capacitors.
An important feature of the AD1866 audio DAC is its ability to
operate at diminished power supply voltages. This feature is
very important in portable battery operated systems. As the bat-
teries discharge, the supply voltage drops. Unlike any other au-
dio DAC, the AD1866 can continue to function at supply
voltages as low as 3.5 V. Because of its unique design, the
power requirements of the AD1866 diminish as the battery volt-
age drops, further extending the operating time of the system.
POWER
SUPPLY
4.7µF
4.7µF
(CAPACITOR VALUES ARE 0.1 µF UNLESS OTHERWISE
INDICATED)
15
14
13
12
11
10
16
9
1
2
3
4
5
6
8
7
NRL
AGND
NRR
AD1866
LL
DL
CLK
DR
LR
DGND
VBR
VBL
+
+
VS
VOL
VL
VOR
VS
Figure 7. Recommended Circuit Schematic
NOISE REDUCTION CAPACITORS
The AD1866 has two noise reduction pins, designated as NRL
(Pin 13) and NRR (Pin 11). In order to meet specifications, it
is required that external noise reduction capacitors be con-
nected from these pins to AGND to reduce the output noise
contributed by the voltage reference circuitry. As shown in Fig-
ure 7, each of these pins should be bypassed to AGND with a
4.7
µF or larger capacitor. The connections between the ca-
pacitors, package pins and AGND should be as short as pos-
sible to achieve the lowest noise.
USING VBL AND VBR
The AD1866 has two bias voltage reference pins, designated as
VBR (Pin 8) and VBL (Pin 16). Each of these pins supplies a dc
reference voltage equal to the center of the output voltage swing.
These bias voltages replace “false ground” networks previously
required in single supply audio systems. At the same time, they
allow dc coupled systems, improving audio performance.
AD1866–Analog Circuit Considerations
REV. 0
–6–


유사한 부품 번호 - AD1866_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1866N AD-AD1866N Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866N AD-AD1866N Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R AD-AD1866R Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R AD-AD1866R Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R-REEL AD-AD1866R-REEL Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
More results

유사한 설명 - AD1866_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
MOSA ELECTRONICS
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
   16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
logo
Analog Devices
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com