전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1877 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD1877
상세설명  Single-Supply 16-Bit Stereo ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1877 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD1877_15 Datasheet HTML 5Page - Analog Devices AD1877_15 Datasheet HTML 6Page - Analog Devices AD1877_15 Datasheet HTML 7Page - Analog Devices AD1877_15 Datasheet HTML 8Page - Analog Devices AD1877_15 Datasheet HTML 9Page - Analog Devices AD1877_15 Datasheet HTML 10Page - Analog Devices AD1877_15 Datasheet HTML 11Page - Analog Devices AD1877_15 Datasheet HTML 12Page - Analog Devices AD1877_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD1877
REV. A
–9–
The ground planes should be tied together at one spot under-
neath the center of the package with an approximately 3 mm
trace. This ground plane technique also minimizes RF transmis-
sion and reception.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
L
RCK
WCLK
BCLK
DGND1
DVDD1
RDEDGE
S/
M
384/
256
AVDD
VINL
CAPL1
CAPL2
AGNDL
VREFL
CLKIN
TAG
SOUT
DVDD2
RESET
MSBDLY
R
LJUST
AGND
VINR
CAPR1
CAPR2
AGNDR
VREFR
DGND2
DIGITAL GROUND PLANE
ANALOG GROUND PLANE
Figure 4. Recommended Ground Plane
Each reference pin (14 and 15) should be bypassed with a 0.1
µF
ceramic chip capacitor in parallel with a 4.7
µF tantalum capaci-
tor. The 0.1
µF chip cap should be placed as close to the pack-
age pin as possible, and the trace to it from the reference pin
should be as short and as wide as possible. Keep this trace away
from any analog traces (Pins 10, 11, 12, 17, 18, 19)! Coupling
between input and reference traces will cause even order har-
monic distortion. If the reference is needed somewhere else on
the printed circuit board, it should be shielded from any signal
dependent traces to prevent distortion.
Wherever possible, minimize the capacitive load on the digital
outputs of the part. This will reduce the digital spike currents
drawn from the digital supply pins and help keep the IC sub-
strate quiet.
How to Extend SNR
A cost-effective method of improving the dynamic range and
SNR of an analog-to-digital conversion system is to use multiple
AD1877 channels in parallel with a common analog input. This
technique makes use of the fact that the noise in independent
modulator channels is uncorrelated. Thus every doubling of the
number of AD1877 channels used will improve system dynamic
range by 3 dB. The digital outputs from the corresponding deci-
mator channels have to be arithmetically averaged to obtain the
improved results in the correct data format. A microprocessor,
either general-purpose or DSP, can easily perform the averaging
operation.
Shown below in Figure 5 is a circuit for obtaining a 3 dB
improvement in dynamic range by using both channels of a
single AD1877 with a mono input. A stereo implementation
would require using two AD1877s and using the recommended
input structure shown in Figure 2. Note that a single microproces-
sor would likely be able to handle the averaging requirements
for both left and right channels.
AD1877
RECOMMENDED
INPUT BUFFER
SINGLE
CHANNEL
INPUT
DIGITAL
AVERAGER
AD1877
VINR
VINL
SINGLE
CHANNEL
OUTPUT
Figure 5. Increasing Dynamic Range By Using Two
AD1877 Channels
DIGITAL INTERFACE
Modes of Operation
The AD1877’s flexible serial output port produces data in
two’s-complement, MSB-first format. The input and output sig-
nals are TTL logic level compatible. Time multiplexed serial
data is output on SOUT (Pin 26), left channel then right chan-
nel, as determined by the left/right clock signal LRCK (Pin 1).
Note that there is no method for forcing the right channel to
precede the left channel. The port is configured by pin selec-
tions. The AD1877 can operate in either master or slave mode,
with the data in right-justified, I
2S-compatible, Word Clock
controlled or left-justified positions.
The various mode options are pin-programmed with the Slave/
Master Pin (7), the Right/Left Justify Pin (21), and the MSB
Delay Pin (22). The function of these pins is summarized as
follows:


유사한 부품 번호 - AD1877_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1877JR AD-AD1877JR Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
More results

유사한 설명 - AD1877_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1877 AD-AD1877 Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870_02 Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com