전자부품 데이터시트 검색엔진 |
|
AD1887 데이터시트(PDF) 9 Page - Analog Devices |
|
AD1887 데이터시트(HTML) 9 Page - Analog Devices |
9 / 16 page REV. 0 AD1887 –9– Reset (Index 00h) g e Rg e R g e R g e Rg e R m u Nm u N m u N m u Nm u N e m a Ne m a N e m a N e m a Ne m a N5 1 D5 1 D 5 1 D 5 1 D5 1 D4 1 D4 1 D 4 1 D 4 1 D4 1 D3 1 D3 1 D 3 1 D 3 1 D3 1 D2 1 D2 1 D 2 1 D 2 1 D2 1 D1 1 D1 1 D 1 1 D 1 1 D1 1 D0 1 D0 1 D 0 1 D 0 1 D0 1 D9 D9 D9 D9 D9 D8 D8 D8 D8 D8 D7 D7 D7 D7 D7 D6 D6 D6 D6 D6 D5 D5 D5 D5 D5 D4 D4 D4 D4 D4 D3 D3 D3 D3 D3 D2 D2 D2 D2 D2 D1 D1 D1 D1 D1 D0 D0 D0 D0 D0 Dt l u a f e Dt l u a f e D t l u a f e D t l u a f e Dt l u a f e D h 0 0h 0 0 h 0 0 h 0 0h 0 0t e s e Rt e s e R t e s e R t e s e Rt e s e RX X X X X4 E S4 E S 4 E S 4 E S4 E S3 E S3 E S 3 E S 3 E S3 E S2 E S2 E S 2 E S 2 E S2 E S1 E S1 E S 1 E S 1 E S1 E S0 E S0 E S 0 E S 0 E S0 E S9 D I9 D I 9 D I 9 D I9 D I8 D I8 D I 8 D I 8 D I8 D I7 D I7 D I 7 D I 7 D I7 D I6 D I6 D I 6 D I 6 D I6 D I5 D I5 D I 5 D I 5 D I5 D I4 D I4 D I 4 D I 4 D I4 D I3 D I3 D I 3 D I 3 D I3 D I2 D I2 D I 2 D I 2 D I2 D I1 D I1 D I 1 D I 1 D I1 D I0 D I0 D I 0 D I 0 D I0 D Ih 0 1 0 0h 0 1 0 0 h 0 1 0 0 h 0 1 0 0h 0 1 0 0 Note: Writing any value to this register performs a register reset, which causes all registers to revert to their default values (except 74h, which forces the serial configuration). Reading this register returns the ID code of the part and a code for the type of 3D Stereo Enhancement. ID[9:0] Identify Capability. The ID decodes the capabilities of AD1887 based on the following: Bit = 1 Function AD1887* ID0 Dedicated Mic PCM in Channel 0 ID1 Modem Line Codec Support 0 ID2 Bass and Treble Control 0 ID3 Simulated Stereo (Mono to Stereo) 0 ID4 Headphone Out Support 1 ID5 Loudness (Bass Boost) Support 0 ID6 18-Bit DAC Resolution 0 ID7 20-Bit DAC Resolution 0 ID8 18-Bit ADC Resolution 0 ID9 20-Bit ADC Resolution 0 *The AD1887 contains none of the optional features identified by these bits. SE[4:0] Stereo Enhancement. The 3D stereo enhancement identifies the Analog Devices 3D stereo enhancement. Headphones Volume Registers (Index 04h) g e Rg e R g e R g e Rg e R m u Nm u N m u N m u Nm u N e m a Ne m a N e m a N e m a Ne m a N5 1 D5 1 D 5 1 D 5 1 D5 1 D4 1 D4 1 D 4 1 D 4 1 D4 1 D3 1 D3 1 D 3 1 D 3 1 D3 1 D2 1 D2 1 D 2 1 D 2 1 D2 1 D1 1 D1 1 D 1 1 D 1 1 D1 1 D0 1 D0 1 D 0 1 D 0 1 D0 1 D9 D9 D9 D9 D9 D8 D8 D8 D8 D8 D7 D7 D7 D7 D7 D6 D6 D6 D6 D6 D5 D5 D5 D5 D5 D4 D4 D4 D4 D4 D3 D3 D3 D3 D3 D2 D2 D2 D2 D2 D1 D1 D1 D1 D1 D0 D0 D0 D0 D0 Dt l u a f e Dt l u a f e D t l u a f e D t l u a f e Dt l u a f e D h 4 0h 4 0 h 4 0 h 4 0h 4 0 s e n o h p d a e Hs e n o h p d a e H s e n o h p d a e H s e n o h p d a e Hs e n o h p d a e H e m u l o Ve m u l o V e m u l o V e m u l o Ve m u l o V M P HM P H M P H M P HM P HX X X X X5 V H L5 V H L 5 V H L 5 V H L5 V H L4 V H L4 V H L 4 V H L 4 V H L4 V H L3 V H L3 V H L 3 V H L 3 V H L3 V H L2 V H L2 V H L 2 V H L 2 V H L2 V H L1 V H L1 V H L 1 V H L 1 V H L1 V H L0 V H L0 V H L 0 V H L 0 V H L0 V H LX X X X XX X X X X5 V H R5 V H R 5 V H R 5 V H R5 V H R4 V H R4 V H R 4 V H R 4 V H R4 V H R3 V H R3 V H R 3 V H R 3 V H R3 V H R2 V H R2 V H R 2 V H R 2 V H R2 V H R1 V H R1 V H R 1 V H R 1 V H R1 V H R0 V H R0 V H R 0 V H R 0 V H R0 V H Rh 0 0 0 8h 0 0 0 8 h 0 0 0 8 h 0 0 0 8h 0 0 0 8 RHV[5:0] Right Headphone Volume Control. The least significant bit represents 1.5 dB. This register controls the output from +6 dB to a maximum attenuation of –88.5 dB. LHV[5:0] Left Headphone Volume Control. The least significant bit represents 1.5 dB. This register controls the output from +6 dB to a maximum attenuation of –88.5 dB. HPM Headphones Volume Mute. When this bit is set to “1,” the channel is muted. HPM xHV5 . . . xHV0 Function 0 00 0000 6 dB Gain 0 01 1111 –40.5 dB Attenuation 0 11 1111 –88.5 dB Attenuation 1 xx xxxx – ∞ dB Attenuation |
유사한 부품 번호 - AD1887_15 |
|
유사한 설명 - AD1887_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |