전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1984 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD1984
상세설명  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1984 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD1984_15 Datasheet HTML 7Page - Analog Devices AD1984_15 Datasheet HTML 8Page - Analog Devices AD1984_15 Datasheet HTML 9Page - Analog Devices AD1984_15 Datasheet HTML 10Page - Analog Devices AD1984_15 Datasheet HTML 11Page - Analog Devices AD1984_15 Datasheet HTML 12Page - Analog Devices AD1984_15 Datasheet HTML 13Page - Analog Devices AD1984_15 Datasheet HTML 14Page - Analog Devices AD1984_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD1984
Rev. 0
|
Page 11 of 20
|
January 2007
FILTER/REFERENCE
VREF _FILT
MIC_BIAS-B
MIC_BIAS-C
27
28
29
O
O
O
Voltage Reference Filter.
Switchable Microphone Bias. For use with Port B (Pins 21, 22).
Switchable Microphone Bias. For use with Port C (Pins 23, 24).
Both MIC bias pins are capable of Hi-Z, 0 V, 1.65 V, 3.7 V, and 3.9 V (with 5.0 V on
Pin 33), Hi-Z, 0 V, 1.65 V, 2.86 V, and 3.0 V (with 3.3 V on Pin 33).
DVCORE
1
O
CAUTION: DO NOT APPLY 3.3 V TO THIS PIN!
Filter connection for internal core voltage regulator. This pin must be connected to
filter caps: 10
μF, 1.0 μF, and 0.1μF connected in parallel between Pin 1 and
DVSS (Pin 7).
POWER AND GROUND
DVIO 3.3V
3
I
Link Digital I/O Voltage Reference. 3.3 V
DVSS
7
I
Digital supply return (ground).
DVDD 3.3 V
9
I
Digital supply voltage 3.3 V . This is regulated down to DVCORE on Pin 1 to supply the
internal digital core internal to the AD1984.
AVDD 3.3 V
25, 38
I
CAUTION: DO NOT APPLY 5 V TO THESE PINS!
Analog supply voltage 3.3 V ONLY.
Note: AVDD supplies should be well regulated and filtered as supply noise degrades
audio performance.
MIC_BIAS_IN
5.0 V or 3.3 V
33
I
Source power for microphone bias boost circuitry.
Connect this pin to 5.0 V via a low-pass filter. When connected this way the AD1984 is
capable of providing +3.9 V as a mic bias to all of the mic bias pins (except on
Pin 31).
If 5 V is not available, connect this pin to +3.3 V (AVDD) via a low-pass filter.
The AD1984 produces a mic bias voltage relative to the AVDD supply
(typically 3.0 V @ AVDD = 3.3 V).
AVSS
26, 42
I
Analog supply return (ground). AVSS should be connected to DVSS using a conductive
trace under, or close to, the AD1984.
Table 3. AD1984 Pin Descriptions (Continued)
Mnemonic
Pin No.
I/O
Description
The symbols used in this table are defined as: I = Input, O = Output, LI = Line Level Input, LO = Line Level Output, HP = Output capable of
driving headphone load, MIC = Input supports microphones with MIC bias and boost amplifier.


유사한 부품 번호 - AD1984_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Analog Devices
AD1984AJCPZ AD-AD1984AJCPZ Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984AJCPZ-RL AD-AD1984AJCPZ-RL Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984B AD-AD1984B Datasheet
302Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results

유사한 설명 - AD1984_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com