전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GT28F016C3B90 데이터시트(PDF) 11 Page - Intel Corporation

부품명 GT28F016C3B90
상세설명  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

GT28F016C3B90 데이터시트(HTML) 11 Page - Intel Corporation

Back Button GT28F016C3B90 Datasheet HTML 7Page - Intel Corporation GT28F016C3B90 Datasheet HTML 8Page - Intel Corporation GT28F016C3B90 Datasheet HTML 9Page - Intel Corporation GT28F016C3B90 Datasheet HTML 10Page - Intel Corporation GT28F016C3B90 Datasheet HTML 11Page - Intel Corporation GT28F016C3B90 Datasheet HTML 12Page - Intel Corporation GT28F016C3B90 Datasheet HTML 13Page - Intel Corporation GT28F016C3B90 Datasheet HTML 14Page - Intel Corporation GT28F016C3B90 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
E
3 VOLT ADVANCED+ BOOT BLOCK
11
PRODUCT PREVIEW
3.0
PRINCIPLES OF OPERATION
The 3 Volt Advanced+ Boot Block flash memory
family utilizes a CUI and automated algorithms to
simplify program and erase operations. The CUI
allows for 100% CMOS
-level control inputs and
fixed
power
supplies
during
erasure
and
programming.
The internal WSM completely automates program
and erase operations while the CUI signals the start
of an operation and the status register reports
status. The CUI handles the WE# interface to the
data and address latches, as well as system status
requests during WSM operation.
3.1
Bus Operation
The 3 Volt Advanced+ Boot Block flash memory
devices read, program and erase in
-system via the
local CPU or microcontroller. All bus cycles to or
from
the flash memory
conform
to
standard
microcontroller bus cycles. Four control pins dictate
the data flow in and out of the flash component:
CE#, OE#, WE# and RP#. These bus operations
are summarized in Table 3.
3.1.1
READ
The flash memory has four read modes available:
read array, read configuration, read status and read
query. These modes are accessible independent of
the VPP voltage. The appropriate read mode
command must be issued to the CUI to enter the
corresponding mode. Upon initial device power
-up
or after exit from reset, the device automatically
defaults to read array mode.
CE# and OE# must be driven active to obtain data
at the outputs. CE# is the device selection control;
when active it enables the flash memory device.
OE# is the data output control and it drives the
selected memory data onto the I/O bus. For all read
modes, WE# and RP# must be at VIH. Figure 9
illustrates a read cycle.
3.1.2
OUTPUT DISABLE
With OE# at a logic
-high level (VIH), the device
outputs are disabled. Output pins are placed in a
high
-impedance state.
3.1.3
STANDBY
Deselecting the device by bringing CE# to a logic
-
high level (VIH) places the device in standby mode,
which
substantially
reduces
device
power
consumption without any latency for subsequent
read accesses. In standby, outputs are placed in a
high-impedance state independent
of
OE#.
If
deselected during program or erase operation, the
device continues to consume active power until the
program or erase operation is complete.
Table 3. Bus Operations(1)
Mode
Note
RP#
CE#
OE#
WE#
DQ0–7
DQ8-15
Read (Array, Status,
Configuration, or Query)
2-4
VIH
VIL
VIL
VIH
DOUT
DOUT
Output Disable
2
VIH
VIL
VIH
VIH
High Z
High Z
Standby
2
VIH
VIH
X
X
High Z
High Z
Reset
2,7
VIL
X
X
X
High Z
High Z
Write
2,5-7
VIH
VIL
VIH
VIL
DIN
DIN
NOTES:
1.
8-bit devices use only DQ[0:7], 16-bit devices use DQ[0:15]
2.
X must be VIL, VIH for control pins and addresses.
3.
See
DC Characteristics for VPPLK, VPP1, VPP2, VPP3, voltages.
4.
Manufacturer and device codes may also be accessed in read configuration mode (A1–A20 = 0). See Table 4.
5.
Refer to Table 5 for valid DIN during a write operation.
6.
To program or erase the lockable blocks, hold WP# at VIH.
7.
RP# must be at GND
± 0.2 V to meet the maximum deep power-down current specified.


유사한 부품 번호 - GT28F016C3B90

제조업체부품명데이터시트상세설명
logo
Intel Corporation
GT28F016B3B110 INTEL-GT28F016B3B110 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F016B3B120 INTEL-GT28F016B3B120 Datasheet
408Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
GT28F016B3B150 INTEL-GT28F016B3B150 Datasheet
408Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
GT28F016B3B90 INTEL-GT28F016B3B90 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F016B3BA110 INTEL-GT28F016B3BA110 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results

유사한 설명 - GT28F016C3B90

제조업체부품명데이터시트상세설명
logo
Intel Corporation
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com