전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5282 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD5282
상세설명  Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5282 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD5282_15 Datasheet HTML 7Page - Analog Devices AD5282_15 Datasheet HTML 8Page - Analog Devices AD5282_15 Datasheet HTML 9Page - Analog Devices AD5282_15 Datasheet HTML 10Page - Analog Devices AD5282_15 Datasheet HTML 11Page - Analog Devices AD5282_15 Datasheet HTML 12Page - Analog Devices AD5282_15 Datasheet HTML 13Page - Analog Devices AD5282_15 Datasheet HTML 14Page - Analog Devices AD5282_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5280/AD5282
Rev. C | Page 11 of
28
A2
1.0V
33.41µs
1.50µs
CODE (Decimal)
Figure 30. Digital Feedthrough vs. Time
100
0.1
1.0
10
0.01
0
32
64
192
96
128
224
256
VA = VB = OPEN
TA = 25°C
RAB = 20kΩ
RAB = 50kΩ
RAB = 200kΩ
Figure 31. IWB_MAX vs. Code
LONG TERM CHANNEL-TO-CHANNEL RAB MATCH (%)
40
10
20
30
0
CODES SET TO
MIDSCALE
3 LOTS
SAMPLE SIZE = 135
Figure 32. Channel-to-Channel Resistance Matching (AD5282)


유사한 부품 번호 - AD5282_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5282-EVAL AD-AD5282-EVAL Datasheet
964Kb / 28P
   Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5282BRU20 AD-AD5282BRU20 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5282BRU20 AD-AD5282BRU20 Datasheet
964Kb / 28P
   Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5282BRU20-REEL7 AD-AD5282BRU20-REEL7 Datasheet
964Kb / 28P
   Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5282BRU200 AD-AD5282BRU200 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
More results

유사한 설명 - AD5282_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282BRUZ200 AD-AD5282BRUZ200 Datasheet
964Kb / 28P
   Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
   Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com