전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5305BRM-REEL 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD5305BRM-REEL
상세설명  2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5305BRM-REEL 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD5305BRM-REEL Datasheet HTML 7Page - Analog Devices AD5305BRM-REEL Datasheet HTML 8Page - Analog Devices AD5305BRM-REEL Datasheet HTML 9Page - Analog Devices AD5305BRM-REEL Datasheet HTML 10Page - Analog Devices AD5305BRM-REEL Datasheet HTML 11Page - Analog Devices AD5305BRM-REEL Datasheet HTML 12Page - Analog Devices AD5305BRM-REEL Datasheet HTML 13Page - Analog Devices AD5305BRM-REEL Datasheet HTML 14Page - Analog Devices AD5305BRM-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5305/AD5315/AD5325
Rev. G | Page 11 of 24
600
0
500
100
200
300
400
VDD (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–40°C
+105°C
+25°C
Figure 16. Supply Current vs. Supply Voltage
0.5
0
0.4
0.1
0.2
0.3
VDD (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–40°C
+105°C
+25°C
Figure 17. Power-Down Current vs. Supply Voltage
750
450
550
650
VLOGIC (V)
01
2
34
5
TA = 25°C
VDD = 5V
VDD = 3V
DECREASING
INCREASING
Figure 18. Supply Current vs. Logic Input Voltage for SDA and SCL
Voltage Increasing and Decreasing
CH1
CH2
SCL
CH1 1V, CH2 5V, TIME BASE = 1µs/DIV
TA = 25°C
VDD = 5V
VREF = 5V
VOUTA
Figure 19. Half-Scale Settling (1/4 to 3/4 Scale Code Change)
CH1 2V, CH2 200mV, TIME BASE = 200µs/DIV
CH1
CH2
TA = 25°C
VDD = 5V
VREF = 2V
VOUTA
VDD
Figure 20. Power-On Reset to 0 V
CH1 500mV, CH2 5V, TIME BASE = 1µs/DIV
CH1
CH2
VOUTA
TA = 25°C
VDD = 5V
VREF = 2V
SCL
Figure 21. Exiting Power-Down to Midscale


유사한 부품 번호 - AD5305BRM-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5305BRM-REEL AD-AD5305BRM-REEL Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5305BRM-REEL AD-AD5305BRM-REEL Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305BRM-REEL AD-AD5305BRM-REEL Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
AD5305BRM-REEL7 AD-AD5305BRM-REEL7 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5305BRM-REEL7 AD-AD5305BRM-REEL7 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results

유사한 설명 - AD5305BRM-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5315BRMZ AD-AD5315BRMZ Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344 AD-AD5344_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com