전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5305BRM-REEL7 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD5305BRM-REEL7
상세설명  2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5305BRM-REEL7 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD5305BRM-REEL7 Datasheet HTML 5Page - Analog Devices AD5305BRM-REEL7 Datasheet HTML 6Page - Analog Devices AD5305BRM-REEL7 Datasheet HTML 7Page - Analog Devices AD5305BRM-REEL7 Datasheet HTML 8Page - Analog Devices AD5305BRM-REEL7 Datasheet HTML 9Page - Analog Devices AD5305BRM-REEL7 Datasheet HTML 10Page - Analog Devices AD5305BRM-REEL7 Datasheet HTML 11Page - Analog Devices AD5305BRM-REEL7 Datasheet HTML 12Page - Analog Devices AD5305BRM-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5305/AD5315/AD5325
Rev. G | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
1.0
0.5
–1.0
0
0
–0.5
TA = 25°C
VDD = 5V
50
100
150
200
250
Figure 4. AD5305 Typical INL Plot
3
0
–1
–2
–3
2
1
TA = 25°C
VDD = 5V
CODE
0
200
400
600
800
1000
Figure 5. AD5315 Typical INL Plot
12
0
–4
–8
8
4
–12
TA = 25°C
VDD = 5V
CODE
0
1000
2000
3000
4000
Figure 6. AD5325 Typical INL Plot
0.3
–0.3
–0.1
–0.2
0.2
0.1
0
CODE
0
TA = 25°C
VDD = 5V
50
100
150
200
250
Figure 7. AD5305 Typical DNL Plot
0.6
0.4
–0.2
–0.6
0.2
0
–0.4
CODE
0
TA = 25°C
VDD = 5V
200
400
600
800
1000
Figure 8. AD5315 Typical DNL Plot
0.5
0
–1.0
1.0
–0.5
CODE
0
1000
2000
3000
4000
TA = 25°C
VDD = 5V
Figure 9. AD5325 Typical DNL Plot


유사한 부품 번호 - AD5305BRM-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5305BRM-REEL7 AD-AD5305BRM-REEL7 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5305BRM-REEL7 AD-AD5305BRM-REEL7 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305BRM-REEL7 AD-AD5305BRM-REEL7 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
More results

유사한 설명 - AD5305BRM-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5315BRMZ AD-AD5315BRMZ Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344 AD-AD5344_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com