전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5328BRUZ-REEL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5328BRUZ-REEL7
상세설명  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5328BRUZ-REEL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5328BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5328BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5328BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5328BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5328BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5328BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices AD5328BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices AD5328BRUZ-REEL7 Datasheet HTML 13Page - Analog Devices AD5328BRUZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5308/AD5318/AD5328
Rev. F | Page 10 of 28
MAX INL
MAX DNL
MIN INL
0.50
0.25
0
–0.25
–0.50
012
34
5
TA = 25°C
VDD = 5V
MIN DNL
VREF (V)
Figure 10. AD5308 INL and DNL Error vs. VREF
TEMPERATURE (°C)
0.5
0.2
–0.5
– 40
0
40
0
–0.2
80
120
–0.4
–0.3
–0.1
0.1
0.3
0.4
VREF = 3V
VDD = 5V
MAX INL
MIN DNL
MIN INL
MAX DNL
Figure 11. AD5308 INL Error and DNL Error vs. Temperature
–1.0
–0.5
0
0.5
1.0
TEMPERATURE (
°C)
0
–40
40
80
120
VDD = 5V
VREF = 2V
OFFSET ERROR
GAIN ERROR
Figure 12. AD5308 Offset Error and Gain Error vs. Temperature
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
23
0
1
456
VDD (V)
TA = 25°C
VREF = 2V
GAIN ERROR
OFFSET ERROR
Figure 13. Offset Error and Gain Error vs. VDD
0
1
2
3
4
5
23
01
4
5
SINK/SOURCE CURRENT (mA)
6
5V SOURCE
3V SOURCE
5V SINK
3V SINK
Figure 14. VOUT Source and Sink Current Capability
DAC CODE
1.0
ZERO SCALE
FULL SCALE
0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
HALF SCALE
TA = 25°C
VDD = 5V
Figure 15. Supply Current vs. DAC Code


유사한 부품 번호 - AD5328BRUZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5328BRUZ-REEL7 AD-AD5328BRUZ-REEL7 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
More results

유사한 설명 - AD5328BRUZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5308 AD-AD5308_1 Datasheet
575Kb / 24P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. D
AD5318 AD-AD5318_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328 AD-AD5328_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308 Datasheet
308Kb / 19P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. B
AD5308 AD-AD5308_11 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328ARUZ AD-AD5328ARUZ Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5307 AD-AD5307_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5317 AD-AD5317_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com