전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS3441-INE3 데이터시트(PDF) 8 Page - Semtech Corporation

부품명 GS3441-INE3
상세설명  Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3441-INE3 데이터시트(HTML) 8 Page - Semtech Corporation

Back Button GS3441-INE3 Datasheet HTML 4Page - Semtech Corporation GS3441-INE3 Datasheet HTML 5Page - Semtech Corporation GS3441-INE3 Datasheet HTML 6Page - Semtech Corporation GS3441-INE3 Datasheet HTML 7Page - Semtech Corporation GS3441-INE3 Datasheet HTML 8Page - Semtech Corporation GS3441-INE3 Datasheet HTML 9Page - Semtech Corporation GS3441-INE3 Datasheet HTML 10Page - Semtech Corporation GS3441-INE3 Datasheet HTML 11Page - Semtech Corporation GS3441-INE3 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
GS3441 Extended Reach 3G/HD/SD Adaptive Cable
Equalizer with Dual Outputs
Final Data Sheet
Rev. 1
GENDOC-056647
May 2013
8 of 25
Proprietary & Confidential
www.semtech.com
Power Consumption
PD
VCC_O1 = 1.2V,
VCC_O2= OFF,
ΔVDDO1 = ΔVDDO2 =
425mVppd
180
218
mW
2
VCC_O1 = 1.2V,
VCC_O2= 1.2V,
ΔVDDO1 = ΔVDDO2 =
425mVppd
212
260
mW
2
VCC_O1 = 1.2V,
VCC_O2= 1.2V,
ΔVDDO1 = ΔVDDO2 =
850mVppd
237
290
mW
2
VCC_O1 = 2.5V,
VCC_O2= 2.5V,
ΔVDDO1 = ΔVDDO2 =
850mVppd
245
299
mW
2
VCC_O1 = 3.3V,
VCC_O2= OFF,
ΔVDDO1 = ΔVDDO2 =
425mVppd
202
244
mW
2
VCC_O1 = 3.3V,
VCC_O2= OFF,
ΔVDDO1 = ΔVDDO2 =
850mVppd
240
292
mW
2
VCC_O1 = 3.3V,
VCC_O2= 3.3V,
ΔVDDO1 = ΔVDDO2 =
425mVppd
258
316
mW
2
VCC_O1 = 3.3V,
VCC_O2= 3.3V,
ΔVDDO1 = ΔVDDO2 =
850mVppd
325
395
mW
2
Supply Current - Core
Is
Both outputs on
53
59
mA
3
Supply Current - Output
Driver (one output enabled)
IOutput
Driver
VCC_O1 & VCC_O2 =
3.3V,
ΔVDDO1 = ΔVDDO2 =
425mVppd
–10
14
mA
VCC_O1 & VCC_O2 =
3.3V,
ΔVDDO1 = ΔVDDO2 =
850mVppd
–19
24
mA
Input Common Mode Voltage
VCMIN
1.62
1.71
1.80
V
Table 2-2: DC Electrical Characteristics (Continued)
VCC = +3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes


유사한 부품 번호 - GS3441-INE3

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS3441 GENNUM-GS3441 Datasheet
1Mb / 25P
   Automatic power-down on loss of signal
More results

유사한 설명 - GS3441-INE3

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
Texas Instruments
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
M31544 MA-COM-M31544 Datasheet
1Mb / 28P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21544 MA-COM-M21544 Datasheet
771Kb / 32P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com