전자부품 데이터시트 검색엔진 |
|
AD5370 데이터시트(PDF) 5 Page - Analog Devices |
|
AD5370 데이터시트(HTML) 5 Page - Analog Devices |
5 / 29 page AD5370 Rev. 0 | Page 4 of 28 SPECIFICATIONS PERFORMANCE SPECIFICATIONS DVCC = 2.5 V to 5.5 V; VDD = 9 V to 16.5 V; VSS = −16.5 V to −8 V; VREF = 3 V; AGND = DGND = SIGGND = 0 V; CL = open circuit; RL = open circuit; gain (M), offset (C), and DAC offset registers at default values; all specifications TMIN to TMAX, unless otherwise noted. Table 2. Parameter Min Type Max Unit Test Conditions/Comments1 ACCURACY Resolution 16 Bits Integral Nonlinearity −4 +4 LSB Differential Nonlinearity −1 +1 LSB Guaranteed monotonic by design Zero-Scale Error −10 +10 mV Before calibration Full-Scale Error −10 +10 mV Before calibration Gain Error 0.1 % FSR Zero-Scale Error2 1 LSB After calibration Full-Scale Error2 1 LSB After calibration Span Error of Offset DAC −35 +35 mV See the Offset DAC Channels section for details VOUT Temperature Coefficient (VOUT0 to VOUT39) 5 ppm FSR/°C Includes linearity, offset, and gain drift DC Crosstalk2 120 μV Typically 20 μV; measured channel at midscale, full-scale change on any other channel REFERENCE INPUTS (VREF0, VREF1)2 VREF Input Current −10 +10 μA Per input, typically ±30 nA VREF Range 2 5 V ±2% for specified operation SIGGND INPUT (SIGGND0 to SIGGND4)2 DC Input Impedance 50 kΩ Typically 55 kΩ Input Range −0.5 +0.5 V SIGGND Gain 0.995 1.005 OUTPUT CHARACTERISTICS2 Output Voltage Range VSS + 1.4 VDD − 1.4 V ILOAD = 1 mA Nominal Output Voltage Range −4 +8 V Short-Circuit Current 15 mA VOUTx to DVCC, VDD, or VSS Load Current −1 +1 mA Capacitive Load 2200 pF DC Output Impedance 0.5 DIGITAL INPUTS Input High Voltage 1.7 V DVCC = 2.5 V to 3.6 V 2.0 V DVCC = 3.6 V to 5.5 V Input Low Voltage 0.8 V DVCC = 2.5 V to 5.5 V Input Current −1 +1 μA Excluding the CLR pin CLR High Impedance Leakage Current −20 +20 μA Input Capacitance2 10 pF DIGITAL OUTPUTS (SDO, BUSY) Output Low Voltage 0.5 V Sinking 200 μA Output High Voltage (SDO) DVCC − 0.5 V Sourcing 200 μA SDO High Impedance Leakage Current −5 +5 μA High Impedance Output Capacitance2 10 pF |
유사한 부품 번호 - AD5370_15 |
|
유사한 설명 - AD5370_15 |