전자부품 데이터시트 검색엔진 |
|
TP025F103Z-A-BJ 데이터시트(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc |
|
TP025F103Z-A-BJ 데이터시트(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc |
|
1 / 1 page Spec Sheet http://www.ty-top.com The data is reference only. Electrical characteristics vary depending on environment or measurement condition. TAIYO YUDEN reserves the right to make change to the Date at any time without notice. Before making final selection, please check product specification. CERAMIC CAPACITORS Axial Leaded Ceramic Capacitors TP025F103Z-A-BJ Features Item Summary 25V, 10000pF, -20% to 80%, Axial Lifecycle Stage Mass Production Standard packaging quantity (minimum) Taping 5000pcs Products characteristics table External Dimensions (EIA/JIS) Axial/Axial Rated Voltage (max) 25V Capacitance 10000pF Capacitance Tolerance -20% to 80% Resistance 1,000 MΩ min. Dielectric Loss Tangent 7.5%MAX Temperature Characteristics (EIA/JIS) -/F Temperature Range (EIA/JIS) -/-25 to +85℃ Capacitance Change (EIA/JIS) -/-80,+30% RoHS Compliance Yes Soldering Method Wave External Dimensions L 2.3mm - D 2.0mm max 2015.02.10 1 / 1 |
유사한 부품 번호 - TP025F103Z-A-BJ |
|
유사한 설명 - TP025F103Z-A-BJ |