전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5531 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD5531
상세설명  Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5531 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD5531_15 Datasheet HTML 3Page - Analog Devices AD5531_15 Datasheet HTML 4Page - Analog Devices AD5531_15 Datasheet HTML 5Page - Analog Devices AD5531_15 Datasheet HTML 6Page - Analog Devices AD5531_15 Datasheet HTML 7Page - Analog Devices AD5531_15 Datasheet HTML 8Page - Analog Devices AD5531_15 Datasheet HTML 9Page - Analog Devices AD5531_15 Datasheet HTML 10Page - Analog Devices AD5531_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD5530/AD5531
Rev. B | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
VDD to GND
−0.3 V to +17 V
VSS to GND
+0.3 V to −17 V
Digital Inputs to GND
−0.3 V to VDD + 0.3 V
SDO to GND
−0.3 V to +6.5 V
REFIN to REFAGND
−0.3 V to +17 V
REFIN to GND
VSS − 0.3 V to VDD + 0.3 V
ESD CAUTION
REFAGND to GND
VSS − 0.3 V to VDD + 0.3 V
DUTGND to GND
VSS − 0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature (TJ MAX)
150°C
Package Power Dissipation
(TJ MAX – TA)/θJA
Thermal Impedance θJA
TSSOP (RU-16)
150.4°C/W
Lead Temperature (Soldering 10 sec)
300°C
IR Reflow, Peak Temperature (<20 sec)
235°C


유사한 부품 번호 - AD5531_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5531BRU AD-AD5531BRU Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
AD5531BRU AD-AD5531BRU Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRU-REEL AD-AD5531BRU-REEL Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRU-REEL7 AD-AD5531BRU-REEL7 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRUZ-REEL1 AD-AD5531BRUZ-REEL1 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
More results

유사한 설명 - AD5531_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5530 AD-AD5530_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5530 AD-AD5530_07 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com