전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5531 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD5531
상세설명  Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5531 데이터시트(HTML) 1 Page - Analog Devices

  AD5531_15 Datasheet HTML 1Page - Analog Devices AD5531_15 Datasheet HTML 2Page - Analog Devices AD5531_15 Datasheet HTML 3Page - Analog Devices AD5531_15 Datasheet HTML 4Page - Analog Devices AD5531_15 Datasheet HTML 5Page - Analog Devices AD5531_15 Datasheet HTML 6Page - Analog Devices AD5531_15 Datasheet HTML 7Page - Analog Devices AD5531_15 Datasheet HTML 8Page - Analog Devices AD5531_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Serial Input, Voltage Output
12-/14-Bit Digital-to-Analog Converters
AD5530/AD5531
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Pin-compatible 12-, 14-bit digital-to-analog converters
Serial input, voltage output
Maximum output voltage range of ±10 V
Data readback
3-wire serial interface
Clear function to a user-defined voltage
Power-down function
Serial data output for daisy-chaining
16-lead TSSOP
APPLICATIONS
Industrial automation
Automatic test equipment
Process control
General-purpose instrumentation
FUNCTIONAL BLOCK DIAGRAM
LDAC
RBEN
REFAGND
SDIN
POWER-DOWN
CONTROL LOGIC
DAC REGISTER
REFIN
12-/14-BIT
DAC
R
R
GND
SCLK
SYNC
SDO
R
R
VOUT
DUTGND
VDD
VSS
SHIFT REGISTER
AD5530/AD5531
CLR
PD
Figure 1.
GENERAL DESCRIPTION
The AD5530/AD5531 are single 12- and 14-bit (respectively)
serial input, voltage output digital-to-analog converters (DAC).
They utilize a versatile 3-wire interface that is compatible with
SPI®, QSPI™, MICROWIRE™, and DSP interface standards. Data
is presented to the part in a 16-bit serial word format. Serial
data is available on the SDO pin for daisy-chaining purposes.
Data readback allows the user to read the contents of the DAC
register via the SDO pin.
The DAC output is buffered by a gain of two amplifier and
referenced to the potential at DUTGND. LDAC can be used to
update the output of the DAC asynchronously. A power-down
pin (PD) allows the DAC to be put into a low power state, and
a CLR pin allows the output to be cleared to a user-defined
voltage, the potential at DUTGND.
The AD5530/AD5531 are available in 16-lead TSSOP.


유사한 부품 번호 - AD5531_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5531BRU AD-AD5531BRU Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
AD5531BRU AD-AD5531BRU Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRU-REEL AD-AD5531BRU-REEL Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRU-REEL7 AD-AD5531BRU-REEL7 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRUZ-REEL1 AD-AD5531BRUZ-REEL1 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
More results

유사한 설명 - AD5531_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5530 AD-AD5530_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5530 AD-AD5530_07 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com