전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5556 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5556
상세설명  Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5556 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5556_15 Datasheet HTML 6Page - Analog Devices AD5556_15 Datasheet HTML 7Page - Analog Devices AD5556_15 Datasheet HTML 8Page - Analog Devices AD5556_15 Datasheet HTML 9Page - Analog Devices AD5556_15 Datasheet HTML 10Page - Analog Devices AD5556_15 Datasheet HTML 11Page - Analog Devices AD5556_15 Datasheet HTML 12Page - Analog Devices AD5556_15 Datasheet HTML 13Page - Analog Devices AD5556_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5546/AD5556
Data Sheet
Rev. D | Page 10 of 20
CIRCUIT OPERATION
DIGITAL-TO-ANALOG (DAC) CONVERTER SECTION
The AD5546/AD5556 are 16-/14-bit multiplying, current out-
put, and parallel input DACs. The devices operate from a single
2.7 V to 5.5 V supply and provide both unipolar 0 V to –VREF, or
0 V to +VREF, and bipolar ±VREF output ranges from a –18 V to
+18 V reference. In addition to the precision conversion RFB
commonly found in current output DACs, there are three addi-
tional precision resistors for four-quadrant bipolar applications.
The AD5546/AD5556 consist of two groups of precision R-2R
ladders, which make up the 12/10 LSBs, respectively. Further-
more, the four MSBs are decoded into 15 segments of resistor
value 2R. Figure 17 shows the architecture of the 16-bit AD5546.
Each of the 16 segments in the R-2R ladder carries an equally
weighted current of one-sixteenth of full scale. The feedback
resistor, RFB, and four-quadrant resistor, ROFS, have values of 10
kΩ. Each four-quadrant resistor, R1 and R2, equals 5 kΩ. In
four-quadrant operation, R1, R2, and an external op amp work
together to invert the reference voltage and apply it to the REF
input. With ROFS and RFB connected as shown in Figure 2, the
output can swing from –VREF to +VREF.
The reference voltage inputs exhibit a constant input resistance
of 5 kΩ ±20%. The DAC output, IOUT, impedance is code depen-
dent. External amplifier choice should take into account the
variation of the AD5546/AD5556 output impedance. The
feedback resistance in parallel with the DAC ladder resistance
dominates output voltage noise. To maintain good analog
performance, it is recommended to bypass the power supply
with a 0.01 μF to 0.1 μF ceramic or chip capacitor in parallel
with a 1 μF tantalum capacitor. Also, to minimize gain error,
PCB metal traces between VREF and RFB should match.
Every code change of the DAC corresponds to a step function;
gain peaking at each output step may occur if the op amp has
limited GBP and excessive parasitic capacitance present at the
op amp inverting node. A compensation capacitor, therefore,
may be needed between the I-V op amp inverting and output
nodes to smooth the step transition. Such a compensation
capacitor should be found empirically, but a 20 pF capacitor is
generally adequate for the compensation.
The VDD power is used primarily by the internal logic and to
drive the DAC switches. Note that the output precision
degrades if the operating voltage falls below the specified
voltage. The user should also avoid using switching regulators
because device power supply rejection degrades at higher
frequencies.
2R
80kΩ
R
40kΩ
2R
80kΩ
2R
80kΩ
2R
80kΩ
2R
80kΩ
2R
80kΩ
R
40kΩ
2R
80kΩ
R
2R
80kΩ
R
2R
80kΩ
R
2R
80kΩ
R
2R
80kΩ
2R
80kΩ
R
40kΩ
R2
5kΩ
R1
5kΩ
REF
2R
80kΩ
R
40kΩ
2R
80kΩ
R
40kΩ
2R
80kΩ
R
40kΩ
2R
80kΩ
R
40kΩ
2R
80kΩ
R
40kΩ
2R
80kΩ
RCOM
R1
ADDRESS DECODER
DAC REGISTER
INPUT REGISTER
LDAC
WR
RS
RS
4 MSB
15 SEGMENTS
8-BIT R–2R
4-BIT R–2R
16
8
4
LDAC
WR
D15 D14
D0
RS
10kΩ
10kΩ
ROFS
RFB
IOUT
GND
RA
RB
Figure 17. 16-Bit AD5546 Equivalent R-2R DAC Circuit with Digital Section


유사한 부품 번호 - AD5556_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5556CRU AD-AD5556CRU Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRU-REEL7 AD-AD5556CRU-REEL7 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results

유사한 설명 - AD5556_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com