전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLRH4420CU 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 TLRH4420CU
상세설명  Resistor LED for 12 V Supply Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLRH4420CU 데이터시트(HTML) 1 Page - Vishay Siliconix

  TLRH4420CU Datasheet HTML 1Page - Vishay Siliconix TLRH4420CU Datasheet HTML 2Page - Vishay Siliconix TLRH4420CU Datasheet HTML 3Page - Vishay Siliconix TLRH4420CU Datasheet HTML 4Page - Vishay Siliconix TLRH4420CU Datasheet HTML 5Page - Vishay Siliconix TLRH4420CU Datasheet HTML 6Page - Vishay Siliconix TLRH4420CU Datasheet HTML 7Page - Vishay Siliconix TLRH4420CU Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLRG4420CU, TLRH4420CU, TLRO4420CU, TLRY4420CU
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 24-Apr-13
1
Document Number: 83045
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Resistor LED for 12 V Supply Voltage
DESCRIPTION
These devices are developed for the automotive industry
with special requirements as for EMC (electro magnetic
compatibility) in motor vehicles with 12 V supply voltage.
They are resistant against transient conduction (high voltage
spikes) and interferences by conduction and coupling.
The TLR.4420CU series contains an integrated resistor for
current limiting in series with the LED chip. This allows the
lamp to be driven from a 12 V source without an external
current limiter.
Available colors are red, soft orange, yellow and green.
These tinted diffused lamps provide a wide off-axis viewing
angle.
These LEDs are intended for space critical applications such
as automobile instrument panels, switches and others
which are driven from a 12 V source.
FEATURES
• With current limiting resistor for 12 V
• EMC specified (DIN 40 839)
• Resistant against transient high voltage spikes
• Cost effective: save space and resistor cost
• Standard Ø 3 mm (T-1) package
• Wide viewing angle
• Choice of four bright colors
• Luminous intensity categorized
• Yellow and green color categorized
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Status light in cars
• Off/on indicator in cars
• Background illumination for switches
• Off/on indicator in switches
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: 3 mm resistor
• Product series: standard
• Angle of half intensity: ± 30°
19228-1
VS
Out
19228-2
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at VS
(V)
WAVELENGTH
(nm)
at VS
(V)
FORWARD VOLTAGE
(V)
at VS
(V)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
TLRH4420CU
Red
1.6
10
-
12
612
-
625
12
-
10
12
12
GaAsP on GaP
TLRO4420CU Soft orange
4
10
-
12
598
-
611
12
-
10
12
12
GaAsP on GaP
TLRY4420CU
Yellow
1.6
10
-
12
581
-
594
12
-
10
12
12
GaAsP on GaP
TLRG4420CU
Green
1.6
10
-
12
562
-
575
12
-
10
12
12
GaP on GaP
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) 
TLRH4420CU , TLRO4420CU , TLRY4420CU , TLRG4420CU
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
6V
Forward voltage
Tamb  65 °C
VF
16
V
Power dissipation
Tamb  65 °C
PV
240
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
150
K/W


유사한 부품 번호 - TLRH4420CU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TLRH4420 VISHAY-TLRH4420 Datasheet
107Kb / 9P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
More results

유사한 설명 - TLRH4420CU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TLRE4200 VISHAY-TLRE4200_V01 Datasheet
522Kb / 5P
   Resistor LED for 12 V Supply Voltage
02-Oct-12
TLRH4420 VISHAY-TLRH4420 Datasheet
107Kb / 9P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
TLRE4406 VISHAY-TLRE4406_V01 Datasheet
111Kb / 5P
   Resistor LED for 12 V Supply Voltage
02-Oct-12
TLRE4200 VISHAY-TLRE4200 Datasheet
70Kb / 5P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
TLRH4400 VISHAY-TLRH4400 Datasheet
105Kb / 10P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
TLRP4900 VISHAY-TLRP4900 Datasheet
71Kb / 5P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
TLRE4406 VISHAY-TLRE4406 Datasheet
135Kb / 5P
   Resistor LED for 12 V Supply Voltage
Rev. 1.2, 21-Jun-04
TLRH4450 VISHAY-TLRH4450 Datasheet
70Kb / 7P
   Resistor LED for 5 V Supply Voltage
Rev. A1, 04-Feb-99
TLRH440.CU VISHAY-TLRH440.CU Datasheet
129Kb / 9P
   With current limiting resistor for 12 V
Rev. 2.1, 24-Apr-13
TLRP4900CU VISHAY-TLRP4900CU Datasheet
675Kb / 6P
   With current limiting resistor for 12 V
Rev. 1.7, 24-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com