전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5582 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD5582
상세설명  Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5582 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD5582_15 Datasheet HTML 2Page - Analog Devices AD5582_15 Datasheet HTML 3Page - Analog Devices AD5582_15 Datasheet HTML 4Page - Analog Devices AD5582_15 Datasheet HTML 5Page - Analog Devices AD5582_15 Datasheet HTML 6Page - Analog Devices AD5582_15 Datasheet HTML 7Page - Analog Devices AD5582_15 Datasheet HTML 8Page - Analog Devices AD5582_15 Datasheet HTML 9Page - Analog Devices AD5582_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. A
–6–
AD5582/AD5583
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD5582/AD5583 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +18 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +18 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –9 V
VDD to VREF+ . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +18 V
VREF– to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +18 V
VREFH to VREFL . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +18 V
DVDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 V
Logic Inputs to GND . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
VOUT to GND . . . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
IOUT Short Circuit to GND . . . . . . . . . . . . . . . . . . . . . . 24 mA
Thermal Resistance Junction to Ambient, JA . . . . . . 115
∞C/W
ORDERING GUIDE
1
Resolution
Temperature
Package
Package
Container
Top
Model
(Bits)
Range
Description
Option
Quantity
Marking
2
AD5582YRV-REEL
1
12
–40
∞C to +125∞CTSSOP-48
RV-48
2500
AD5582Y
AD5583YRV-REEL
10
–40
∞C to +125∞CTSSOP-48
RV-48
2500
AD5583Y
AD5582YRV
1
12
–40
∞C to +125∞CTSSOP-48
RV-48
39
AD5582Y
AD5583YRV
10
–40
∞C to +125∞CTSSOP-48
RV-48
39
AD5583Y
NOTES
1The AD5582 contains 4116 transistors. The die size measures 108 mil
144 mil.
2First row marking is shown in the table above. Second row marking contains date code in YYWW format. Third row marking contains the lot number.
Thermal Resistance Junction to Case, JC . . . . . . . . . . 42
∞C/W
Maximum Junction Temperature (TJ Max) . . . . . . . . . . 150
∞C
Package Power Dissipation = (TJ Max – TA)/ JA
Operating Temperature Range . . . . . . . . . . –40
∞C to +125∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature
RV-48 (Soldering, 60 secs) . . . . . . . . . . . . . . . . . . . . 300
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.


유사한 부품 번호 - AD5582_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5582YRU-REEL7 AD-AD5582YRU-REEL7 Datasheet
162Kb / 8P
   QUAD, Parallel-Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converter
REV PrC, 23 APR 01
More results

유사한 설명 - AD5582_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5583 AD-AD5583_15 Datasheet
449Kb / 20P
   Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
REV. A
AD5582 AD-AD5582 Datasheet
162Kb / 8P
   QUAD, Parallel-Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converter
REV PrC, 23 APR 01
AD5530 AD-AD5530_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531 AD-AD5531_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5530 AD-AD5530_07 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com