전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCE33A 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 LCE33A
상세설명  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LCE33A 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  LCE33A Datasheet HTML 1Page - List of Unclassifed Manufacturers LCE33A Datasheet HTML 2Page - List of Unclassifed Manufacturers LCE33A Datasheet HTML 3Page - List of Unclassifed Manufacturers LCE33A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LCE6.5 thru LCE170A
Document Number: LCE6.5 thru LCE170A
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Microsemi
Part
Number
Breakdown
Voltage
VBR @ IBR
Reverse
Stand
Off
Voltage
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
IPP @ 10/
1000µs
Maximum
Clamping
Voltage
VC @ IPP
Maximum
Capacitance
@ 0V
f=1MHZ
Working Inverse
Blocking Voltage
IIIB @VWIB
Peak
Inverse
Blocking
Voltage
MIN
MAX
IBR
(mA)
VBR(V)
VWM(V)
ID(µA)
IPP (A)
VC(V)
pF
VWIB(V)
IIB(μA)
VPIB(V)
LCE6.5
LCE6.5A
LCE7.0
LCE7.0A
7.22
7.22
7.78
7.78
8.82
7.98
9.51
8.60
10
10
10
10
6.5
6.5
7.0
7.0
1000
1000
500
500
100.0
100.0
100.0
100.0
12.3
11.2
13.3
12.0
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE7.5
LCE7.5A
LCE8.0
LCE8.0A
8.33
8.33
8.89
8.89
10.2
9.21
10.9
9.83
10
10
1
1
7.5
7.5
8.0
8.0
250
250
100
100
100.0
100.0
100.0
100.0
14.3
12.9
15.0
13.6
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE8.5
LCE8.5A
LCE9.0
LCE9.0A
9.44
9.44
10.0
10.0
11.5
10.4
12.2
11.1
1
1
1
1
8.5
8.5
9.0
9.0
50
50
10
10
94.0
100.0
89.0
97.0
15.9
14.4
16.9
15.4
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE10
LCE10A
LCE11
LCE11A
11.1
11.1
12.2
12.2
13.6
12.3
14.9
13.5
1
1
1
1
10.0
10.0
11.0
11.0
5
5
5
5
80.0
88.0
74.0
82.0
18.8
17.0
20.1
18.2
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE12
LCE12A
LCE13
LCE13A
13.3
13.3
14.4
14.4
16.3
14.7
17.6
15.9
1
1
1
1
12.0
12.0
13.0
13.0
5
5
5
5
68.0
75.0
63.0
70.0
22.0
19.9
23.8
21.5
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE14
LCE14A
LCE15
LCE15A
15.6
15.6
16.7
16.7
19.1
17.2
20.4
18.5
1
1
1
1
14.0
14.0
15.0
15.0
5
5
5
5
58.0
65.0
56.0
61.0
25.8
23.2
26.9
24.4
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE16
LCE16A
LCE17
LCE17A
17.8
17.8
18.9
18.9
21.8
19.7
23.1
20.9
1
1
1
1
16.0
16.0
17.0
17.0
5
5
5
5
52.0
57.0
49.0
54.0
28.8
26.0
30.5
27.6
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE18
LCE18A
LCE20
LCE20A
20.0
20.0
22.2
22.2
24.4
22.1
27.1
24.5
1
1
1
1
18.0
18.0
20.0
20.0
5
5
5
5
46.0
51.0
42.0
46.0
32.2
29.2
35.8
32.4
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE22
LCE22A
LCE24
LCE24A
24.4
24.4
26.7
26.7
29.8
26.9
32.6
29.5
1
1
1
1
22.0
22.0
24.0
24.0
5
5
5
5
38.0
42.0
35.0
39.0
39.4
35.5
43.0
38.9
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE26
LCE26A
LCE28
LCE28A
28.9
28.9
31.1
31.1
35.3
31.9
38.0
34.4
1
1
1
1
26.0
26.0
28.0
28.0
5
5
5
5
32.0
36.0
30.0
33.0
46.6
42.1
50.0
45.4
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE30
LCE30A
LCE33
LCE33A
33.3
33.3
36.7
36.7
40.7
36.8
44.9
40.6
1
1
1
1
30.0
30.0
33.0
33.0
5
5
5
5
28.0
31.0
25.4
28.1
53.5
48.4
58.0
53.3
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE36
LCE36A
LCE40
LCE40A
40.0
40.0
44.4
44.4
48.9
44.2
54.3
49.1
1
1
1
1
36.0
36.0
40.0
40.0
5
5
5
5
23.3
25.8
21.0
23.0
64.3
58.1
71.4
64.5
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE43
LCE43A
LCE45
LCE45A
47.8
47.8
50.0
50.0
58.4
52.8
61.1
55.3
1
1
1
1
43.0
43.0
45.0
45.0
5
5
5
5
19.5
21.6
18.7
20.6
76.7
69.4
80.3
72.7
100
100
100
100
150
150
150
150
10
10
10
10
200
200
200
200
LCE48
LCE48A
LCE51
LCE51A
53.3
53.3
56.7
56.7
65.1
58.9
69.3
62.7
1
1
1
1
48.0
48.0
51.0
51.0
5
5
5
5
17.5
19.4
16.5
18.2
85.5
77.4
91.1
82.4
100
100
100
100
150
150
150
150
10
10
10
10
200
200
200
200
打印无效


유사한 부품 번호 - LCE33A

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
LCE33A EIC-LCE33A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LCE33A NJSEMI-LCE33A Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LCE33A MICROSEMI-LCE33A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Anova Technologies CO.,...
LCE33A ANOVA-LCE33A Datasheet
283Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
TAITRON Components Inco...
LCE33A TAITRON-LCE33A Datasheet
179Kb / 5P
   1500W Low Capacitance Transient Voltage Suppressor
More results

유사한 설명 - LCE33A

제조업체부품명데이터시트상세설명
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com