전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSAD200B-12 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 MSAD200B-12
상세설명  Glass Passivated Rectifier Diode Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MSAD200B-12 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  MSAD200B-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSAD200B-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSAD200B-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSCD200B
Document Number: MSCD200B
www.
Aug.20, 2010
2
smsemi.com
Performance Curves
DC
Fig3. Transient thermal impedance
Fig4. Max Non-Repetitive Forward Surge
Current
Zth(j-C)
0.001
0.01
0.1
1
10
S 100
1
10
cycles 100
50HZ
Fig1. Power dissipation
Fig2.Forward Current Derating Curve
0 ID
140
A
280
350
W
175
Pvtot
0
0
Tc
50
100
℃ 150
DC
sin.180
rec.30
rec.60
rec.120
sin.180
rec.120
rec.60
rec.30
0
VF
0.5
1.0
1.5
V 2.0
25℃
- - -125℃
0.3
℃/ W
0.15
0
8000
A
4000
0
250
A
200
150
100
50
ID
0
max.
typ.
400
A
300
200
100
IF
0
Fig5. Forward Characteristics


유사한 부품 번호 - MSAD200B-12

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MSAD200-08 MICROSEMI-MSAD200-08 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
List of Unclassifed Man...
MSAD200-08 ETC2-MSAD200-08 Datasheet
174Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Microsemi Corporation
MSAD200-12 MICROSEMI-MSAD200-12 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
List of Unclassifed Man...
MSAD200-12 ETC2-MSAD200-12 Datasheet
174Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Microsemi Corporation
MSAD200-16 MICROSEMI-MSAD200-16 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results

유사한 설명 - MSAD200B-12

제조업체부품명데이터시트상세설명
logo
Yangzhou yangjie electr...
MD70C08D1 YANGJIE-MD70C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD60C08D1 YANGJIE-MD60C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD100C08D1 YANGJIE-MD100C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD165C08D2 YANGJIE-MD165C08D2 Datasheet
140Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD36C08D1 YANGJIE-MD36C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
logo
List of Unclassifed Man...
MSCD36B ETC2-MSCD36B Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Microsemi Corporation
MSKD200-16 MICROSEMI-MSKD200-16 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Shanghai Leiditech Elec...
MD60C18J1 LEIDITECH-MD60C18J1 Datasheet
340Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD165C18J2 LEIDITECH-MD165C18J2 Datasheet
321Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Jiangsu APT Semiconduct...
MD36C18D1 APTSEMI-MD36C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD60C18D1 APTSEMI-MD60C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com