전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7008 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD7008
상세설명  CMOS DDS Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7008 데이터시트(HTML) 2 Page - Analog Devices

  AD7008_15 Datasheet HTML 1Page - Analog Devices AD7008_15 Datasheet HTML 2Page - Analog Devices AD7008_15 Datasheet HTML 3Page - Analog Devices AD7008_15 Datasheet HTML 4Page - Analog Devices AD7008_15 Datasheet HTML 5Page - Analog Devices AD7008_15 Datasheet HTML 6Page - Analog Devices AD7008_15 Datasheet HTML 7Page - Analog Devices AD7008_15 Datasheet HTML 8Page - Analog Devices AD7008_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD7008–SPECIFICATIONS1
AD7008AP20
AD7008JP50
Test Conditions/
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Comments
SIGNAL DAC SPECIFICATIONS
Resolution
10
10
Bits
Update Rate (fMAX)
20
50
MSPS
IOUT Full Scale
20
20
mA
Output Compliance
1
1
Volts
DC Accuracy
Integral Nonlinearity
+1
+1
LSB
Differential Nonlinearity
±1
±1
LSB
DDS SPECIFICATIONS
2
Update Rate (fMAX)
20
50
MSPS
Dynamic Specifications
Signal-to-Noise
50
50
dB
fCLK = fMAX,
fOUT = 2 MHz
Total Harmonic Distortion
–55
–53
dB
fCLK = fMAX,
fOUT = 2 MHz
Spurious Free Dynamic Range (SFDR)
3
Narrow Band (
±50 kHz)
–70
–70
dBc
fCLK = 6.25 MHz,
fOUT = 2.11 MHz
Wide Band (
±2 MHz)
–55
–55
dBc
VOLTAGE REFERENCE
Internal Reference @ +25
°C4
1.2
1.27
1.35
1.2
1.27
1.35
Volts
Reference TC
300
300
ppm/
°C
VREF Overdrive
5
02
0
2
V
LOGIC INPUTS
VINH, Input High Voltage
VDD–0.9
VDD–0.9
Volts
VINL, Input Low Voltage
0.9
0.9
Volts
IINH, Input Current
10
10
µA
CIN, Input Capacitance
10
10
pF
POWER SUPPLIES
VDD
4.75
5.25
4.75
5.25
Volts
IAA
26
26
mA
RSET = 390
IDD
22 + 1.5/MHz
22 + 1.5/MHz
mA
IAA + IDD
fCLK = Max
80
110
125
160
mA
Sleep = VDD
10
20
mA
NOTES
1Operating temperature ranges as follows: A Version: –40
°C to +85°C; J Version: 0°C to +70°C.
2All dynamic specifications are measured using IOUT. 100% Production tested.
3f
CLK = 6.25 MHz, Frequency Word = 5671C71C HEX, f OUT = 2.11 MHz.
4V
REF may be externally driven between 0 and V DD.
5Do not allow reference current to cause power dissipation beyond the limit of I
AA + IDD shown above.
Specifications subject to change without notice.
REV. B
–2–
(VAA = VDD = +5 V
± 5%; T
A = TMIN to TMAX, RSET = 390
Ω, R
LOAD = 1
Ω for
IOUT and IOUT, unless otherwise noted)


유사한 부품 번호 - AD7008_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7008/PCB AD-AD7008/PCB Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
AD7008AP20 AD-AD7008AP20 Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
AD7008JP50 AD-AD7008JP50 Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
AD7008PCB AD-AD7008PCB Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
More results

유사한 설명 - AD7008_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7008 AD-AD7008 Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
AD9830 AD-AD9830 Datasheet
218Kb / 16P
   CMOS Complete DDS
REV. A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
   CMOS Complete DDS
REV. A
AD9831 AD-AD9831 Datasheet
172Kb / 16P
   CMOS Complete DDS
REV. A
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com