전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7147 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7147
상세설명  CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7147 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7147_15 Datasheet HTML 6Page - Analog Devices AD7147_15 Datasheet HTML 7Page - Analog Devices AD7147_15 Datasheet HTML 8Page - Analog Devices AD7147_15 Datasheet HTML 9Page - Analog Devices AD7147_15 Datasheet HTML 10Page - Analog Devices AD7147_15 Datasheet HTML 11Page - Analog Devices AD7147_15 Datasheet HTML 12Page - Analog Devices AD7147_15 Datasheet HTML 13Page - Analog Devices AD7147_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
Data Sheet
AD7147
Rev. D | Page 9 of 72
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
CIN6
2
CIN7
3
CIN8
4
CIN9
5
CIN10
6
CIN11
15 SCLK
16 CS
17 INT
18 GPIO
14 SDI
13 SDO
AD7147
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED INTERNALLY. FOR INCREASED
RELIABILITY OF THE SOLDER JOINTS AND MAXIMUM THERMAL CAPABILITY
IT IS RECOMMENDED THAT THE PAD BE SOLDERED TO THE GROUND PLANE.
Figure 5. AD7147 Pin Configuration
PIN 1
INDICATOR
1
CIN6
2
CIN7
3
CIN8
4
CIN9
5
CIN10
6
CIN11
15 SCLK
16 ADD1
17 INT
18 GPIO
14 ADD0
13 SDA
AD7147-1
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED INTERNALLY. FOR INCREASED
RELIABILITY OF THE SOLDER JOINTS AND MAXIMUM THERMAL CAPABILITY
IT IS RECOMMENDED THAT THE PAD BE SOLDERED TO THE GROUND PLANE.
Figure 6. AD7147-1 Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
AD7147
AD7147-1
Mnemonic
Description
1
1
CIN6
Capacitance Sensor Input.
2
2
CIN7
Capacitance Sensor Input.
3
3
CIN8
Capacitance Sensor Input.
4
4
CIN9
Capacitance Sensor Input.
5
5
CIN10
Capacitance Sensor Input.
6
6
CIN11
Capacitance Sensor Input.
7
7
CIN12
Capacitance Sensor Input.
8
8
ACSHIELD
CDC Active Shield Output. Connect to external shield or plane.
9
9
BIAS
Bias Node for Internal Circuitry. Requires 100 nF capacitor to ground.
10
10
GND
Ground Reference Point for All Circuitry.
11
11
VCC
Supply Voltage.
12
12
VDRIVE
Serial Interface Operating Voltage Supply.
13
N/A
SDO
SPI Serial Data Output.
N/A
13
SDA
I2C Serial Data Input/Output. SDA requires pull-up resistor.
14
N/A
SDI
SPI Serial Data Input.
N/A
14
ADD0
I2C Address Bit 0.
15
15
SCLK
Clock Input for Serial Interface.
16
N/A
CS
SPI Chip Select Signal.
N/A
16
ADD1
I2C Address Bit 1.
17
17
INT
General-Purpose Open-Drain Interrupt Output. Programmable polarity; requires pull-up resistor.
18
18
GPIO
Programmable GPIO.
19
19
CIN0
Capacitance Sensor Input.
20
20
CIN1
Capacitance Sensor Input.
21
21
CIN2
Capacitance Sensor Input.
22
22
CIN3
Capacitance Sensor Input.
23
23
CIN4
Capacitance Sensor Input.
24
24
CIN5
Capacitance Sensor Input.


유사한 부품 번호 - AD7147_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results

유사한 설명 - AD7147_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
AD7147A AD-AD7147A Datasheet
699Kb / 69P
   CapTouch Programmable Controller
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com