전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7276BRMZ-REEL 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD7276BRMZ-REEL
상세설명  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7276BRMZ-REEL 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD7276BRMZ-REEL Datasheet HTML 2Page - Analog Devices AD7276BRMZ-REEL Datasheet HTML 3Page - Analog Devices AD7276BRMZ-REEL Datasheet HTML 4Page - Analog Devices AD7276BRMZ-REEL Datasheet HTML 5Page - Analog Devices AD7276BRMZ-REEL Datasheet HTML 6Page - Analog Devices AD7276BRMZ-REEL Datasheet HTML 7Page - Analog Devices AD7276BRMZ-REEL Datasheet HTML 8Page - Analog Devices AD7276BRMZ-REEL Datasheet HTML 9Page - Analog Devices AD7276BRMZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AD7276/AD7277/AD7278
Rev. C | Page 5 of 28
AD7277 SPECIFICATIONS
VDD = 2.35 V to 3.6 V, fSCLK = 48 MHz, fSAMPLE = 3 MSPS, TA = TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
A Grade1, 2
B Grade1, 2
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 1 MHz sine wave
Signal-to-Noise + Distortion (SINAD)3
60.5
60.5
dB min
Total Harmonic Distortion (THD)3
−70
−1
dB max
−76
−76
dB typ
Peak Harmonic or Spurious Noise (SFDR)3
−80
−80
dB typ
Intermodulation Distortion (IMD)3
Second-Order Terms
−82
−82
dB typ
fa = 1 MHz, fb = 0.97 MHz
Third-Order Terms
−82
−82
dB typ
fa = 1 MHz, fb = 0.97 MHz
Aperture Delay
5
5
ns typ
Aperture Jitter
18
18
ps typ
Full Power Bandwidth
74
74
MHz typ
@ 3 dB
10
10
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
10
10
Bits
Integral Nonlinearity3
±0.5
±0.5
LSB max
Differential Nonlinearity3
±0.5
±0.5
LSB max
Guaranteed no missed codes to 10 bits
Offset Error3
±1.5
±1
LSB max
Gain Error3
±2
±1.5
LSB max
Total Unadjusted Error (TUE)3
±2.5
±2.5
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VDD
0 to VDD
V
DC Leakage Current
±1
±1
μA max
−40°C to +85°C
±5.5
±5.5
μA max
85°C to 125°C
Input Capacitance
42
42
pF typ
When in track
10
10
pF typ
When in hold
LOGIC INPUTS
Input High Voltage, VINH
1.7
1.7
V min
2.35 V ≤ VDD ≤ 2.7 V
2
2
V min
2.7 V < VDD ≤ 3.6 V
Input Low Voltage, VINL
0.7
0.7
V max
2.35 V ≤ VDD ≤ 2.7 V
0.8
0.8
V max
2.7 V < VDD ≤ 3.6 V
Input Current, IIN
±1
±1
μA max
Typically 10 nA, VIN = 0 V or VDD
Input Capacitance, CIN4
2
2
pF typ
LOGIC OUTPUTS
Output High Voltage, VOH
VDD − 0.2
VDD − 0.2
V min
ISOURCE = 200 μA, VDD = 2.35 V to 3.6 V
Output Low Voltage, VOL
0.2
0.2
V max
ISINK = 200 μA
Floating-State Leakage Current
±2.5
±2.5
μA max
Floating-State Output Capacitance4
4.5
4.5
pF typ
Output Coding
Straight (natural) binary
CONVERSION RATE
Conversion Time
250
250
ns max
12 SCLK cycles with SCLK at 48 MHz
Track-and-Hold Acquisition Time3
60
60
ns min
Throughput Rate
3.45
3.45
MSPS max
SCLK at 48 MHz


유사한 부품 번호 - AD7276BRMZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7276BRMZ-REEL AD-AD7276BRMZ-REEL Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276BRMZ-REEL AD-AD7276BRMZ-REEL Datasheet
589Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
More results

유사한 설명 - AD7276BRMZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7277 AD-AD7277_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276_17 Datasheet
589Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
AD7273BRMZ AD-AD7273BRMZ Datasheet
549Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274 AD-AD7274_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274BRMZ AD-AD7274BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273BRMZ AD-AD7273BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com