전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC251B 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC251B
상세설명  LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC251B 데이터시트(HTML) 1 Page - Texas Instruments

  TLC251B Datasheet HTML 1Page - Texas Instruments TLC251B Datasheet HTML 2Page - Texas Instruments TLC251B Datasheet HTML 3Page - Texas Instruments TLC251B Datasheet HTML 4Page - Texas Instruments TLC251B Datasheet HTML 5Page - Texas Instruments TLC251B Datasheet HTML 6Page - Texas Instruments TLC251B Datasheet HTML 7Page - Texas Instruments TLC251B Datasheet HTML 8Page - Texas Instruments TLC251B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLC251, TLC251A, TLC251B, TLC251Y
LinCMOS
 PROGRAMMABLE
LOW-POWER OPERATIONAL AMPLIFIERS
SLOS001F – JULY 1983 – REVISED MARCH 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Range of Supply Voltages
1.4-V to 16-V
D True Single-Supply Operation
D Common-Mode Input Voltage Range
Includes the Negative Rail
D Low Noise . . . 30 nV/√Hz Typ at 1-kHz
(High Bias)
D ESD Protection Exceeds 2000 V Per
MIL-STD-833C, Method 3015.1
description
The TLC251C, TLC251AC, and TLC251BC are
low-cost, low-power programmable operational
amplifiers designed to operate with single or dual
supplies. Unlike traditional metal-gate CMOS
operational amplifiers, these devices utilize Texas
Instruments silicon-gate LinCMOS
 process,
giving them stable input offset voltages without
sacrificing the advantages of metal-gate CMOS.
This series of parts is available in selected grades of input offset voltage and can be nulled with one external
potentiometer. Because the input common-mode range extends to the negative rail and the power consumption
is extremely low, this family is ideally suited for battery-powered or energy-conserving applications. A
bias-select pin can be used to program one of three ac performance and power-dissipation levels to suit the
application. The series features operation down to a 1.4-V supply and is stable at unity gain.
These devices have internal electrostatic-discharge (ESD) protection circuits that prevent catastrophic failures
at voltages up to 2000 V as tested under MIL-STD-883C, Method 3015.1. However, care should be exercised
in handling these devices as exposure to ESD may result in a degradation of the device parametric
performance.
Because of the extremely high input impedance and low input bias and offset currents, applications for the
TLC251C series include many areas that have previously been limited to BIFET and NFET product types. Any
circuit using high-impedance elements and requiring small offset errors is a good candidate for cost-effective
use of these devices. Many features associated with bipolar technology are available with LinCMOS
operational amplifiers without the power penalties of traditional bipolar devices. Remote and inaccessible
equipment applications are possible using the low-voltage and low-power capabilities of the TLC251C series.
In addition, by driving the bias-select input with a logic signal from a microprocessor, these operational amplifiers
can have software-controlled performance and power consumption. The TLC251C series is well suited to solve
the difficult problems associated with single battery and solar cell-powered applications.
The TLC251C series is characterized for operation from 0
°C to 70°C.
AVAILABLE OPTIONS
VIOmax
PACKAGED DEVICES
CHIP FORM
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
CHIP FORM
(Y)
10 mV
TLC251CD
TLC251CP
TLC251Y
0
°C to 70°C
5 mV
TLC251ACD
TLC251ACP
2 mV
TLC251BCD
TLC251BCP
The D package is available taped and reeled. Add the suffix R to the device type (e.g., TLC251CDR). Chips are
tested at 25
°C.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinCMOS is a trademark of Texas Instruments.
1
2
3
4
8
7
6
5
OFFSET N1
IN –
IN +
VDD–/GND
BIAS SELECT
VDD
OUT
OFFSET N2
D OR P PACKAGE
(TOP VIEW)
symbol
+
OUT
BIAS SELECT
IN +
IN –
OFFSET N1
OFFSET N2


유사한 부품 번호 - TLC251B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC251B TI-TLC251B Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251B TI1-TLC251B Datasheet
831Kb / 22P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251BCD TI-TLC251BCD Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251BCD TI1-TLC251BCD Datasheet
831Kb / 22P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251BCP TI-TLC251BCP Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results

유사한 설명 - TLC251B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC271 TI-TLC271_V01 Datasheet
2Mb / 84P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251 TI1-TLC251_16 Datasheet
831Kb / 22P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271PS-M TI-TLC271PS-M Datasheet
1Mb / 83P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_V01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com