전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54233IRUZ-T 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL54233IRUZ-T
상세설명  Wideband Differential 3:1 Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54233IRUZ-T 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL54233IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISL54233
4
FN7918.0
December 21, 2011
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
Input Voltages
1D+, 1D-, 2D+, 2D-, 3D+, 3D- . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to 5.5V
C0, C1 (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
Output Voltages
COM-, COM+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to 5.5V
Continuous Current (1D-, 1D+, 2D-, 2D+, 3D-, 3D+). . . . . . . . . . . . . . . . . ±40mA
Peak Current (1D-, 1D+, 2D-, 2D+, 3D-, 3D+)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . . . . . . ±100mA
ESD Rating:
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . . >5kV
Machine Model (Tested per JESD22-A115B) . . . . . . . . . . . . . . . . . >400V
Charged Device Model (Tested per JESD22-C110D) . . . . . . . . . . . . >2kV
Latch-up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . . . .at +85°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
12 Ld UTQFN Package (Notes 7, 10) . . . . .
155
90
12 Ld TQFN Package (Notes 8, 9) . . . . . . .
58
1.0
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . +150°C
Maximum Storage Temperature Range. . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 4.6V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6. Signals on C1 and C0 exceeding GND by specified amount are clamped. Limit current to maximum current ratings.
7.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
8.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
9. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
10. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications - 2.7V to 3.6V Supply TestConditions: VDD=+3.0V,GND=0V,VC0H,VC1H=1.4V,VC0L,VC1L =0.5V,
(Note 11), Unless Otherwise Specified. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes
12, 13)
TYP
MAX
(Notes
12, 13)
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
VDD = 2.7V to 4.6V
Full
-1
-
VDD
V
ON-Resistance, rON
VDD = 2.7V, ICOMx = 17mA, VD+ or VD- = 0V to 400mV
(see Figure 5, Note 15)
25
-
6
8
Full
-
-
10
rON Matching Between Channels, ΔrON VDD = 2.7V, ICOMx = 17mA, VD+ or VD- =Voltage at max rON,
(Notes 15, 16)
25
-
0.07
0.5
Full
-
-
0.55
rON Flatness, rFLAT(ON)
VDD = 2.7V, ICOMx = 17mA, VD+ or VD- = 0V to 400mV,
(Notes 14, 15)
25
-
0.32
0.8
Full
-
-
1.2
ON-Resistance, rON
VDD = 3.3V, ICOMx = 17mA, VD+ or VD- = 3.3V (see Figure 5,
Note 15)
+25
-
9.5
15
Full
-
-
20
OFF Leakage Current, IXD+(OFF) or
IXD-(OFF), ICOMX(OFF)
VDD = 4.6V, All OFF Mode (C0 = 0.5V, C1 = 0.5V), VCOM- or
VCOM+ = 0.3V, 3.3V, VXD+ or VXD- = 3.3V, 0.3V
25
-15
-
15
nA
Full
-20
-
20
nA
ON Leakage Current, IXD+(ON) or
IXD-(ON), ICOMX(ON)
VDD = 4.6V, VXD+ or VXD- = 0.3V, 3.3V, VCOM- or VCOM+ = 0.3V,
3.3V
25
-20
-
20
nA
Full
-25
-
25
nA
DPDT DYNAMIC CHARACTERISTICS
All OFF to ON or ON to All OFF Address
Transition Time, tTRANS
VDD = 2.7V, RL = 50Ω, CL = 10pF, (see Figure 3)
25
-
125
-
ns
Data Channel to Data Channel Address
Transition Time, tTRANS
VDD = 2.7V, RL = 50Ω, CL = 10pF, (see Figure 3)
25
-
125
-
ns
Break-Before-Make Time Delay, tD
VDD = 3.6V, RL = 50Ω, CL = 10pF, (see Figure 4)
25
-
30
-
ns
Skew, (tSKEWOUT - tSKEWIN)
VDD = 3.0V, RL = 45Ω, CL = 10pF, tR = tF = 500ps at 480Mbps,
(Duty Cycle = 50%) (see Figure 8)
25
-
75
-
ps
Total Jitter, tJ
VDD = 3.0V, RL = 50Ω, CL = 10pF, tR = tF = 500ps at 480Mbps
25
-
210
-
ps


유사한 부품 번호 - ISL54233IRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54233IRUZ-T INTERSIL-ISL54233IRUZ-T Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Renesas Technology Corp
ISL54233IRUZ-T RENESAS-ISL54233IRUZ-T Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233IRUZ-T7A INTERSIL-ISL54233IRUZ-T7A Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Renesas Technology Corp
ISL54233IRUZ-T7A RENESAS-ISL54233IRUZ-T7A Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
More results

유사한 설명 - ISL54233IRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233 INTERSIL-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com