전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-3760 데이터시트(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-3760
상세설명  Isolated Voltage/Current Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3760 데이터시트(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3760 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Electrical Specifications
Over Recommended Temperature T
A = 0°C to 70°C, Unless Otherwise Specified.
Parameter
Sym.
Device
Min.
Typ.[9]
Max.
Units
Conditions
Fig.
Note
Input
Threshold
Current
I
TH+
HCPL-0370/3700
1.96
2.5
3.11
mA
V
IN = VTH+; VCC = 4.5 V;
V
O = 0.4 V; IO ≥ 4.2 mA
2, 3
14
HCPL-3760
0.87
1.2
1.56
I
TH-
HCPL-0370/3700
1.00
1.3
1.62
V
IN = VTH-; VCC = 4.5 V;
V
O = 2.4 V; IOH ≤ 100 µA
HCPL-3760
0.43
0.6
0.80
Input
Threshold
Voltage
DC
(Pins
2, 3)
V
TH+
3.35
3.7
4.05
V
V
IN = V2 - V3; Pins 1 & 4 Open
V
CC = 4.5 V; VO = 0.4 V;
I
O ≥ 4.2 mA
V
TH-
2.01
2.6
2.86
V
V
IN = V2 - V3; Pins 1 & 4 Open
V
CC = 4.5 V; VO = 2.4 V;
I
O ≤ 100 µA
AC
(Pins
1, 4)
V
TH+
4.23
4.9
5.50
V
V
IN = |V1 - V4|;
Pins 2 & 3 Open
V
CC = 4.5 V; VO = 0.4 V;
I
O ≥ 4.2 mA
14,15
V
TH-
2.87
3.7
4.20
V
V
IN = |V1 - V4|;
Pins 2 & 3 Open
V
CC = 4.5 V; VO = 2.4 V;
I
O ≤ 100 µA
Hysteresis
I
HYS
HCPL-0370/3700
1.2
mA
I
HYS = ITH+ – ITH-
2
HCPL-3760
0.6
V
HYS
1.2
V
V
HYS = VTH+ – VTH-
Input Clamp
Voltage
V
IHC1
5.4
6.0
6.6
V
V
IHC1 = V2 - V3; V3 = GND;
I
IN = 10 mA; Pins 1 & 4
Connected to Pin 3
1
V
IHC2
6.1
6.7
7.3
V
V
IHC2 = |V1 - V4|;
|I
IN| = 10 mA;
Pins 2 & 3 Open
V
IHC3
12.0
13.4
V
V
IHC3 = V2 - V3; V3 = GND;
I
IN = 15 mA; Pins 1 & 4 Open
V
ILC
-0.76
V
V
ILC = V2 - V3; V3 = GND;
I
IN = -10 mA
Input Current
I
IN
HCPL-0370/3700
3.0
3.7
4.4
mA
V
IN = V2 – V3 = 5.0 V
Pins 1 & 4 Open
5
HCPL-3760
1.5
1.8
2.2
Bridge Diode
Forward Voltage
V
D1,2
HCPL-0370/3700
0.59
V
I
IN = 3 mA
HCPL-3760
0.51
I
IN = 1.5 mA
V
D3,4
HCPL-0370/3700
0.74
I
IN = 3 mA
HCPL-3760
0.71
I
IN = 1.5 mA
Logic Low
Output Voltage
V
OL
0.1
0.4
V
V
CC = 4.5 V; IOL = 4.2 mA
5
14
Logic High
Output Current
I
OH
100
µA
V
OH = VCC = 18 V
14
Logic Low
Supply Current
I
CCL
HCPL-0370/3700
1.2
4
mA
V
2 – V3 = 5.0 V; VO = Open;
6
HCPL-3760
0.7
3
V
CC = 5.0 V
Logic High
Supply Current
I
CCH
0.002
4
µA
V
CC = 18 V; VO = Open
4
14
Input
Capacitance
C
IN
50
pF
f = 1 MHz; V
IN = 0 V,
Pins 2 & 3, Pins 1 & 4 Open


유사한 부품 번호 - HCPL-3760

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-3760 HP-HCPL-3760 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-3760 HP-HCPL-3760 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3760 AVAGO-HCPL-3760 Datasheet
374Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760 AVAGO-HCPL-3760 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760 AVAGO-HCPL-3760 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
More results

유사한 설명 - HCPL-3760

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3760 AVAGO-HCPL-3760 Datasheet
374Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760-500E AVAGO-HCPL-3760-500E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370 AVAGO-HCPL-0370 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370-500E AVAGO-HCPL-0370-500E Datasheet
520Kb / 14P
   Isolated Voltage/Current Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com