전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7367-5 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD7367-5
상세설명  True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7367-5 데이터시트(HTML) 1 Page - Analog Devices

  AD7367-5_15 Datasheet HTML 1Page - Analog Devices AD7367-5_15 Datasheet HTML 2Page - Analog Devices AD7367-5_15 Datasheet HTML 3Page - Analog Devices AD7367-5_15 Datasheet HTML 4Page - Analog Devices AD7367-5_15 Datasheet HTML 5Page - Analog Devices AD7367-5_15 Datasheet HTML 6Page - Analog Devices AD7367-5_15 Datasheet HTML 7Page - Analog Devices AD7367-5_15 Datasheet HTML 8Page - Analog Devices AD7367-5_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
True Bipolar Input, 12-/14-Bit,
2-Channel, Simultaneous Sampling SAR ADCs
AD7366-5/AD7367-5
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007-2011 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 12-bit/14-bit, 2-channel ADCs
True bipolar analog inputs
Programmable input ranges
±10 V, ±5 V, 0 V to +10 V
±12 V with +3 V external reference
Throughput rate: 500 kSPS
Simultaneous conversion with read in less than 2 μs
High analog input impedance
Low current consumption
5.1 mA typical in normal mode
320 nA typical in shutdown mode
AD7366-5
72 dB SNR at 50 kHz input frequency
12-bit no missing codes
AD7367-5
76 dB SNR at 50 kHz input frequency
14-bit no missing codes
Accurate on-chip reference: 2.5 V ± 0.2%
–40°C to +85°C operation
High speed serial interface
SPI-/QSPI-/MICROWIRE-/DSP-compatible
iCMOS process technology
Available in a 24-lead TSSOP
FUNCTIONAL BLOCK DIAGRAM
12-/14-BIT
SUCCESSIVE
APPROXIMATION
ADC
DOUTA
OUTPUT
DRIVERS
CONTROL
LOGIC
T/H
BUF
VA1
VA2
MUX
REF
AD7366-5/AD7367-5
VDRIVE
DCAPA
AVCC
DVCC
BUF
DOUTB
OUTPUT
DRIVERS
12-/14-BIT
SUCCESSIVE
APPROXIMATION
ADC
T/H
VB1
VB2
AGND AGND
VSS
DGND
DCAPB
CS
SCLK
CNVST
BUSY
ADDR
RANGE0
RANGE1
REFSEL
MUX
VDD
Figure 1.
GENERAL DESCRIPTION
The AD7366-5/AD7367-51 are dual, 12-/14-bit, low power,
successive approximation analog-to-digital converters (ADCs)
that feature throughput rates up to 500 kSPS. Each device contains
two ADCs, which are both preceded by a 2-channel multiplexer,
and a low noise, wide bandwidth, track-and-hold amplifier.
The AD7366-5/AD7367-5 are fabricated on the Analog
Devices, Inc., industrial CMOS process (iCMOS®)2, which is
a technology platform combining the advantages of low and
high voltage CMOS. The process allows the parts to accept
high voltage bipolar signals in addition to reducing power
consumption and package size. The AD7366-5/AD7367-5 can
accept true bipolar analog input signals in the ±10 V range,
±5 V range, and 0 V to +10 V range.
1 Protected by U.S. Patent No. 6,731,232.
2 For analog systems designers within industrial/instrumentation equipment
OEMs who need high performance ICs at higher voltage levels, iCMOS is a
technology platform that enables the development of analog ICs capable of
+30 V and operating at ±15 V supplies while allowing dramatic reductions in
power consumption and package size, and increased ac and dc performance.
The devices have an on-chip 2.5 V reference that can be disabled to
allow the use of an external reference. If a 3 V reference is applied
to the DCAPA and DCAPB pins, the AD7366-5/AD7367-5 can
accept a true bipolar ±12 V analog input. Minimum ±12 V VDD
and VSS supplies are required for the ±12 V input range.
PRODUCT HIGHLIGHTS
1.
True bipolar analog input signals can be accepted, as well
as ±10 V, ±5 V, ±12 V (with external reference), and 0 V to
+10 V unipolar signals.
2.
Two complete ADC functions allow simultaneous
sampling and conversion of two channels.
3.
A 500 kSPS serial interface is SPI-/QSPI™-/MICROWIRE™-/
DSP-compatible.
Table 1. Related Products
Device
Resolution
Throughput Rate
No. of Channels
AD7366
12-Bit
1 MSPS
Dual, 2-channel
AD7366-5
12-Bit
500 kSPS
Dual, 2-channel
AD7367
14-Bit
1 MSPS
Dual, 2-channel
AD7367-5
14-Bit
500 kSPS
Dual, 2-channel


유사한 부품 번호 - AD7367-5_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7367-5BRUZ AD-AD7367-5BRUZ Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
More results

유사한 설명 - AD7367-5_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX11192 MAXIM-MAX11192 Datasheet
15Mb / 37P
   12-/14-/16-Bit, 2Msps, Dual Simultaneous Sampling SAR ADCs with Internal Reference
Rev 1; 9/17
logo
Analog Devices
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7386-4 AD-AD7386-4 Datasheet
1Mb / 36P
   Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com