전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ6.5A 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 SMAJ6.5A
상세설명  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SMAJ6.5A 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  SMAJ6.5A Datasheet HTML 1Page - List of Unclassifed Manufacturers SMAJ6.5A Datasheet HTML 2Page - List of Unclassifed Manufacturers SMAJ6.5A Datasheet HTML 3Page - List of Unclassifed Manufacturers SMAJ6.5A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMAJ5.0 thru SMAJ170CA
Document Number: SMAJ5.0 thru SMAJ170CA
www.smsemi.com
Feb.29,2012
3
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Part
Number
Breakdown
Voltage
VBR @ IBR
Rated
Stand
Off
Voltage
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
MIN
MAX
VBR(V)
IBR(mA)
VWM(V)
ID(µA)
IPP (A)
VC(V)
SMAJ43
SMAJ43A
SMAJ45
SMAJ45A
47.8
47.8
50.0
50.0
58.4
52.8
61.1
55.3
1
1
1
1
43.0
43.0
45.0
45.0
1
1
1
1
6.5
7.2
6.2
6.9
76.7
69.4
80.3
72.7
SMAJ48
SMAJ48A
SMAJ51
SMAJ51A
53.3
53.3
56.7
56.7
65.1
58.9
69.3
62.7
1
1
1
1
48.0
48.0
51.0
51.0
1
1
1
1
5.8
6.5
5.5
6.1
85.5
77.4
91.1
82.4
SMAJ54
SMAJ54A
SMAJ58
SMAJ58A
60.0
60.0
64.4
64.4
73.3
66.3
78.7
71.2
1
1
1
1
54.0
54.0
58.0
58.0
1
1
1
1
5.2
5.7
4.9
5.3
96.3
87.1
103.0
93.6
SMAJ60
SMAJ60A
SMAJ64
SMAJ64A
66.7
66.7
71.1
71.1
81.5
73.7
86.9
78.6
1
1
1
1
60.0
60.0
64.0
64.0
1
1
1
1
4.7
5.2
4.4
4.9
107.0
96.8
114.0
103.0
SMAJ70
SMAJ70A
SMAJ75
SMAJ75A
77.8
77.8
83.3
83.3
95.1
86.0
102.0
92.1
1
1
1
1
70.0
70.0
75.0
75.0
1
1
1
1
4.0
4.4
3.7
4.1
125.0
113.0
134.0
121.0
SMAJ78
SMAJ78A
SMAJ85
SMAJ85A
86.7
86.7
94.4
94.4
106.0
95.8
115.0
104.0
1
1
1
1
78.0
78.0
85.0
85.0
1
1
1
1
3.6
4.0
3.3
3.6
139.0
126.0
151.0
137.0
SMAJ90
SMAJ90A
SMAJ100
SMAJ100A
100.0
100.0
111.0
111.0
122.0
111.0
136.0
123.0
1
1
1
1
90.0
90.0
100.0
100.0
1
1
1
1
3.1
3.4
2.8
3.1
160.0
146.0
179.0
162.0
SMAJ110
SMAJ110A
SMAJ120
SMAJ120A
122.0
122.0
133.0
133.0
149.0
135.0
163.0
147.0
1
1
1
1
110.0
110.0
120.0
120.0
1
1
1
1
2.6
2.8
2.3
2.6
196.0
177.0
214.0
193.0
SMAJ130
SMAJ130A
SMAJ150
SMAJ150A
144.0
144.0
167.0
167.0
176.0
159.0
204.0
185.0
1
1
1
1
130.0
130.0
150.0
150.0
1
1
1
1
2.2
2.4
1.9
2.1
231.0
209.0
268.0
243.0
SMAJ160
SMAJ160A
SMAJ170
SMAJ170A
178.0
178.0
189.0
189.0
218.0
197.0
231.0
209.0
1
1
1
1
160.0
160.0
170.0
170.0
1
1
1
1
1.7
1.9
1.6
1.8
287.0
259.0
304.0
275.0
1. For bi-directional construction, indicate a C or CA suffix after part number, i.e. SMAJ170C or SMAJ170CA
打印无效


유사한 부품 번호 - SMAJ6.5A

제조업체부품명데이터시트상세설명
logo
MERITEK ELECTRONICS COR...
SMAJ6.5A MERITEK-SMAJ6.5A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
FutureWafer Tech Co.,Lt...
SMAJ6.5A FUTUREWAFER-SMAJ6.5A Datasheet
1Mb / 12P
   400W Transient Voltage Suppression Diodes
14-Jul-2021 V 2.1
logo
Jinan Gude Electronic D...
SMAJ6.5A JGD-SMAJ6.5A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
SMAJ6.5A YFWDIODE-SMAJ6.5A Datasheet
845Kb / 4P
   Maximum Ratings and Thermal Characteristics
logo
TAITRON Components Inco...
SMAJ6.5A TAITRON-SMAJ6.5A Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
More results

유사한 설명 - SMAJ6.5A

제조업체부품명데이터시트상세설명
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com