전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ4747A 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SMAJ4747A
상세설명  Transient Voltage Suppressor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SMAJ4747A 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SMAJ4747A Datasheet HTML 1Page - List of Unclassifed Manufacturers SMAJ4747A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMAJ4728A thru SMAJ4751A
Document Number: SMAJ4728A thru SMAJ4751A
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Note:
1.
The type numbers shown with an A suffix have a 5% tolerance on nominal zener voltage. No suffix signifies a 10%
tolerance, C signifies 2%, and D signifies 1% tolerance.
2.
The Zener impedance is derived from the 60 HZ ac voltage ,which results when an ac current having an rms value equal to
10% of the dc Zener current (IZT or IZK ) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a
sharp knee on the breakdown curve and eliminate unstable units.
3.
The reverse surge current is measured at 25°C ambient using a 1/2 square wave or equivalent sine wave pulse 1/120 second
duration superimposed on IZT.
4.
Voltage at thermal equilibrium or 90seconds after application of dc current.
Part
Number
Zener
Voltage
VZ @ IZT
Test
Current
Maximum
Dynamic
Impedance
ZZT @ IZT
Maximum
Knee
Impedance
ZZk @ IZk
Knee
Current
Maximum
Reverse
Current
IR @ VR
Maximum
Regulator
Current
TL=
100°C
Maximum
Surge
Current
VZ
(V)
IZT
(mA)
ZZT
(OHMS)
ZZK
(OHMS)
IZK
(mA)
IR
(µA)
VR
(V)
IZM
(mA)
Izsm
(mA)
SMAJ4728A
SMAJ4729A
SMAJ4730A
SMAJ4731A
3.3
3.6
3.9
4.3
76.0
69.0
64.0
58.0
10.0
10.0
9.0
9.0
400
400
400
400
1.00
1.00
1.00
1.00
100
100
50
10
1.0
1.0
1.0
1.0
552
504
468
434
1380
1260
1190
1070
SMAJ4732A
SMAJ4733A
SMAJ4734A
SMAJ4735A
4.7
5.1
5.6
6.2
53.0
49.0
45.0
41.0
8.0
7.0
5.0
2.0
500
550
600
700
1.00
1.00
1.00
1.00
10
10
10
10
1.0
1.0
2.0
3.0
386
356
324
292
970
890
810
730
SMAJ4736A
SMAJ4737A
SMAJ4738A
SMAJ4739A
6.8
7.5
8.2
9.1
37.0
34.0
31.0
28.0
3.5
4.0
4.5
5.0
700
700
700
700
1.00
0.50
0.50
0.50
10
10
10
10
4.0
5.0
6.0
7.0
266
242
220
200
660
605
550
500
SMAJ4740A
SMAJ4741A
SMAJ4742A
SMAJ4743A
10.0
11.0
12.0
13.0
25.0
23.0
21.0
19.0
7.0
8.0
9.0
10.0
700
700
700
700
0.25
0.25
0.25
0.25
10
5
5
5
7.6
8.4
9.1
9.9
182
166
152
138
454
414
380
344
SMAJ4744A
SMAJ4745A
SMAJ4746A
SMAJ4747A
15.0
16.0
18.0
20.0
17.0
15.5
14.0
12.5
14.0
16.0
20.0
22.0
700
700
750
750
0.25
0.25
0.25
0.25
5
5
5
5
11.4
12.2
13.7
15.2
132
114
100
90
304
285
250
225
SMAJ4748A
SMAJ4749A
SMAJ4750A
SMAJ4751A
22.0
24.0
27.0
30.0
11.5
10.5
9.5
8.5
23.0
25.0
35.0
40.0
720
750
750
1000
0.25
0.25
0.25
0.25
5
5
5
5
16.7
18.2
20.6
22.8
82
76
68
60
205
190
170
150
打印无效


유사한 부품 번호 - SMAJ4747A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMAJ4747A MCC-SMAJ4747A Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4747A MCC-SMAJ4747A Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
SMAJ4747AHE3 MCC-SMAJ4747AHE3 Datasheet
535Kb / 4P
   1 Watt Zener Diode 10 to 100 Volts
More results

유사한 설명 - SMAJ4747A

제조업체부품명데이터시트상세설명
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com