전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7503 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD7503
상세설명  4-/8-Channel Analog Multiplexers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7503 데이터시트(HTML) 3 Page - Analog Devices

  AD7503_15 Datasheet HTML 1Page - Analog Devices AD7503_15 Datasheet HTML 2Page - Analog Devices AD7503_15 Datasheet HTML 3Page - Analog Devices AD7503_15 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AD7501/AD7502/AD7503
–3–
REV. B
ORDERING GUIDE
Temperature
Package
Model
l
Range
Options
2
AD7501KN
0
°C to +70°C
N-16
AD7501KQ
–25
°C to +85°C
Q-16
AD7501SQ
–55
°C to +125°C
Q-16
AD7501SE
–55
°C to +125°C
E-20A
AD7502KN
0
°C to +70°C
N-16
AD7502KQ
–25
°C to +85°C
Q-16
AD7502SQ
–55
°C to +125°C
Q-16
AD7502SE
–55
°C to +125°C
E-20A
AD7503KN
0
°C to +70°C
N-16
AD7503KQ
–25
°C to +85°C
Q-16
AD7503SQ
–55
°C to +125°C
Q-16
AD7503SE
–55
°C to +125°C
E-20A
NOTES
1To order MIL-STD-883, Class B processed parts, add/883B to part number.
See the Analog Devices’ 1990 Military Databook for military data sheet.
2E = LCC; N = PDIP; Q = CERDIP.
PIN CONFIGURATIONS
Typical Performance Characteristics
Figure 1a. RON vs. VS At Different Power
Supplies
Figure 1b. RON vs. VS At Different
Temperatures
Figure 2a. Digital Threshold Voltage
(VINH, VINL) vs. Power Supply
Figure 2b. Digital Threshold Voltage
(VINH, VINL) vs. Temperature
LCC
Figure 3. tON, tOFF vs. Digital Input
Voltage
Figure 4. Power Dissipation vs. Logic
Frequency (50% Duty Cycle)
PDIP
CERDIP


유사한 부품 번호 - AD7503_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7503JD AD-AD7503JD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
AD7503JN AD-AD7503JN Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
AD7503JNZ AD-AD7503JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7503KD AD-AD7503KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
AD7503KN AD-AD7503KN Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
More results

유사한 설명 - AD7503_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
logo
Vishay Siliconix
DG9408E VISHAY-DG9408E Datasheet
327Kb / 15P
   4- / 8-Channel Analog Multiplexers
Rev. A, 25-Jul-16
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508A AD-ADG508A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG508AKNZ AD-ADG508AKNZ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com