전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA201C104GAR 데이터시트(PDF) 4 Page - AVX Corporation

부품명 SA201C104GAR
상세설명  Axial Leads/SpinGuard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

SA201C104GAR 데이터시트(HTML) 4 Page - AVX Corporation

  SA201C104GAR Datasheet HTML 1Page - AVX Corporation SA201C104GAR Datasheet HTML 2Page - AVX Corporation SA201C104GAR Datasheet HTML 3Page - AVX Corporation SA201C104GAR Datasheet HTML 4Page - AVX Corporation SA201C104GAR Datasheet HTML 5Page - AVX Corporation SA201C104GAR Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
40
Axial Leads/SpinGuard®
Z5U Dielectric
= Industry preferred values
For other tolerances see Part No. Codes
For other voltages see Part No. Codes
AVX Style
*Preferred Industry Decoupling Capacitor — Insertable on .300" centers.
SA105E104ZAA
AVX Style
SA05
SA10
SA11
SA20
SA30
SA40
Length
3.00
4.32
4.32
6.60
7.37
10.16
(L)
(.118")
(.170")
(.170")
(.260")
(.290")
(.400")
Diameter
2.30
2.54
3.05
2.54
3.81
3.81
(D)
(.090")
(.100")
(.120")
(.100")
(.150")
(.150")
Lead
.445
.445
.445
.445
.445
.445
Diameter
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
Lead
25.4
25.4
25.4
25.4
25.4
25.4
Length
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
50
100
50
100
50
100
50
100
50
100
50
10,000
SA105E103ZAR
15,000
SA105E153ZAR
22,000
SA105E223ZAR
33,000
SA105E333ZAR
47,000
SA105E473ZAR
68,000
SA105E683ZAR
*100,000
SA105E104ZAR
150,000
SA105E154ZAR
220,000
SA105E224ZAR
330,000
SA115E334ZAR
470,000
SA305E474ZAR
680,000
SA305E684ZAR
820,000
SA305E824ZAR
1,000,000
SA305E105ZAR
Dimensions: Millimeters (Inches)
SIZE AND CAPACITANCE SPECIFICATIONS


유사한 부품 번호 - SA201C104GAR

제조업체부품명데이터시트상세설명
logo
Polyfet RF Devices
SA201 POLYFET-SA201 Datasheet
50Kb / 2P
   RF POWER VDMOS TRANSISTOR
logo
Silan Microelectronics ...
SA2011 SILAN-SA2011 Datasheet
81Kb / 3P
   MIC AMP IC
logo
SAMWHA ELECTRIC
SA2012C0G104B100NBA SAMWHA-SA2012C0G104B100NBA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
SA2012C0G104B100NBB SAMWHA-SA2012C0G104B100NBB Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
SA2012C0G104B100NBE SAMWHA-SA2012C0G104B100NBE Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
More results

유사한 설명 - SA201C104GAR

제조업체부품명데이터시트상세설명
logo
AVX Corporation
AA101C103K4R AVX-AA101C103K4R Datasheet
481Kb / 3P
   Axial Leads/SpinGuard
SA101A101JAR AVX-SA101A101JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C102JAR AVX-SA101C102JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101A471JAR AVX-SA101A471JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA102A470JAA AVX-SA102A470JAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C472KAA AVX-SA101C472KAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA115C104KARC AVX-SA115C104KARC Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA111E104MAR AVX-SA111E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C103MAR AVX-SA105C103MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105E104MAR AVX-SA105E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com